Electronic Components Datasheet Search
  English  ▼

X  

CIF05 Datasheet(PDF) 3 Page - TEMEX

Part # CIF05
Description  Digital pulse compression module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

CIF05 Datasheet(HTML) 3 Page - TEMEX

  CIF05 Datasheet HTML 1Page - TEMEX CIF05 Datasheet HTML 2Page - TEMEX CIF05 Datasheet HTML 3Page - TEMEX CIF05 Datasheet HTML 4Page - TEMEX CIF05 Datasheet HTML 5Page - TEMEX CIF05 Datasheet HTML 6Page - TEMEX CIF05 Datasheet HTML 7Page - TEMEX CIF05 Datasheet HTML 8Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Digital pulse compression module
CI F04 / CI F05 Compressor
Oct 16
th, 2015
CI F04 / CI F05 Compressor Revision A4
3 / 8
www.rakon.com
Table 1 : Waveform A selection
WFMSel_A
Waveform
0
Waveform A0 (TBD)
1
Waveform A1 (TBD)
Table 2 : Waveform B selection (CI F05 only)
WFMSel_B
Waveform
0
Waveform B0 (TBD)
1
Waveform B1 (TBD)
Fig. 3 : Accessible B x T area
Specifications
1
Environmental conditions
Line
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Procedures and conditions refer to MIL-STD-810G
1.1
Temperature operating
-25
+60
°C
1.2
Temperature storage
-40
+85
°C
1.3
Humidity operating
@ 30 °C, (non condensing)
95
% RH
1.4
Shock
11 ms, 3 axes, 2 dir, half sine
pulse
30
g
1.5
Random Vibration
20 to 500 Hz, 3 axes
0.1
g
2/Hz
1.6
EMI - EMC
In accordance with MIL-STD 461 E



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com