Electronic Components Datasheet Search
  English  ▼

X  

RHT1490A Datasheet(PDF) 2 Page - TEMEX

Part # RHT1490A
Description  Low noise C?륱AN radios, Microwave links and Small Cells
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RHT1490A Datasheet(HTML) 2 Page - TEMEX

  RHT1490A Datasheet HTML 1Page - TEMEX RHT1490A Datasheet HTML 2Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HIGH FREQUENCY ULTRA STABLE TCXO 
| LOW JITTER AND PHASE NOISE 
 
 
www.rakon.com 
sales@rakon.com 
Page 2 of 2 
 
 
SSB Phase Noise – 98.304 MHz RHT1490 TCXO (Typical value at 25°C, CMOS output) 
 
 
Model Outline, Recommended Pad Layout 
 
 
Test Circuit 
 
 
RMS Jitter = 165 fs
(typ. 12 kHz ~ 20 MHz) 
PIN CONNECTIONS 
1* 
Voltage Control (Vc) or GND 
2 
Do not connect 
3 
GND 
4 
Output 
5
Do not connect
6 
Supply Voltage (VDD)
* Depending on specifications 
NOTE:  
Outline unit is mm. 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com