Electronic Components Datasheet Search
  English  ▼

X  

MP02248 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02248
Description  SAW Filter 866MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02248 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02248 Datasheet HTML 1Page - Golledge Electronics Ltd MP02248 Datasheet HTML 2Page - Golledge Electronics Ltd MP02248 Datasheet HTML 3Page - Golledge Electronics Ltd MP02248 Datasheet HTML 4Page - Golledge Electronics Ltd MP02248 Datasheet HTML 5Page - Golledge Electronics Ltd MP02248 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
=
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 866MHz
Model: TA0801A
Part No: MP02248
Rev No: 2
TA0801A v2
1
A. MAXIMUM RATING:
1. Input Power Level: 18dBm
2. DC voltage: 3V
3. Operating Temperature: -25°C to +70°C
4. Storage Temperature: -30°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
866
-
Insertion loss at Fc Amax
dB
-
2.3
3.0
Ripple (863 ~ 870MHz )
dB
-
0.3
1.3
VSWR (863 ~ 870MHz)
-
1.2
2.0
Attenuation (Reference level from Amax)
10 ~ 830MHz
dB
45
49
-
830 ~ 850MHz
dB
22
35
-
885 ~ 905MHz
dB
27
35
-
905 ~ 950MHz
dB
45
49
-
950 ~ 1500MHz
dB
40
47
1500 ~ 3000MHz
dB
25
28
Temperature coefficient of frequency TCf
-36ppm / °C


Similar Part No. - MP02248

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP022 ETC-MP022 Datasheet
22Kb / 2P
Low Cost Iron Safety Timer
logo
Golledge Electronics Lt...
MP02229 GOLLEDGE-MP02229 Datasheet
92Kb / 5P
SAW Filter 403.50MHz
MP02233 GOLLEDGE-MP02233 Datasheet
67Kb / 4P
SAW Filter 228.1MHz
MP02237 GOLLEDGE-MP02237 Datasheet
193Kb / 7P
SAW Filter 61.380MHz
MP02260 GOLLEDGE-MP02260 Datasheet
112Kb / 5P
SAW Filter 340.0MHz
More results

Similar Description - MP02248

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0331A TAI-SAW-TA0331A Datasheet
988Kb / 6P
SAW Filter 866MHz SMD 3.0횞3.0mm
TA0462A TAI-SAW-TA0462A Datasheet
307Kb / 5P
SAW Filter 866MHz SMD 3.0횞3.0mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1687A TAI-SAW-TA1687A Datasheet
391Kb / 7P
SAW Filter 866MHz
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1812A TAI-SAW-TA1812A Datasheet
408Kb / 7P
SAW Filter 866MHz
TA2034A TAI-SAW-TA2034A Datasheet
367Kb / 7P
SAW Filter 866MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com