Electronic Components Datasheet Search
  English  ▼

X  

MP02309 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02309
Description  SAW Filter 1220MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02309 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02309 Datasheet HTML 1Page - Golledge Electronics Ltd MP02309 Datasheet HTML 2Page - Golledge Electronics Ltd MP02309 Datasheet HTML 3Page - Golledge Electronics Ltd MP02309 Datasheet HTML 4Page - Golledge Electronics Ltd MP02309 Datasheet HTML 5Page - Golledge Electronics Ltd MP02309 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1220MHz
Model: TA0786A
Part No: MP02309
Rev No: 1
TA0786A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -40°C to +85°C
2. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
1. Balanced to balanced operation
2. Terminating source impedance: ZS = 200Ω
3. Terminating load impedance: ZL = 200Ω
Characteristics
Value
Note
Min.
Typ.
Max.
Center frequency Fc MHz
-
1220
-
-
Insertion loss 1215 ~ 1225MHz IL dB
-
3.4
5.3
-
Low 1.5 dB Bandedge MHz
-
1209.7
1215
Upper 1.5 dB Bandedge MHz
1225
1229.3
-
Ripple 1215 ~ 1225MHz dB
-
0.6
1.5
-
Attenuation: ( Reference level from 0 dB)
500.Fc -91MHz dB
50
57
-
-
Fc -91 Fc -85MHz dB
50
57
-
-
Fc -76 Fc -68MHz dB
46
57
-
-
Fc -88MHz dB
50
57
-
-
Fc -72MHz dB
48
57
-
-
Fc -44MHz dB
50
56
-
-
Fc -36MHz dB
46
55
-
-
Fc +70 2000 MHz dB
50
55
-
-
Group delay ripple (p-p) (1215 ~ 1225MHz) nS
-
9
-
C. MEASUREMENT CIRCUIT:


Similar Part No. - MP02309

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP023 MPS-MP023 Datasheet
2Mb / 23P
Primary Side CC/CV Flyback Controller with High Voltage Current Source and Programmable Cable Compensation
logo
Golledge Electronics Lt...
MP02330 GOLLEDGE-MP02330 Datasheet
207Kb / 6P
SAW Filter 923.50MHz
MP02382 GOLLEDGE-MP02382 Datasheet
145Kb / 7P
SAW Filter 1120MHz
logo
Monolithic Power System...
MP023GS MPS-MP023GS Datasheet
2Mb / 23P
Primary Side CC/CV Flyback Controller with High Voltage Current Source and Programmable Cable Compensation
More results

Similar Description - MP02309

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0292A TAI-SAW-TA0292A Datasheet
268Kb / 5P
SAW Filter 1220MHz SMD 3.0횞3.0 mm
TA0304A TAI-SAW-TA0304A Datasheet
265Kb / 5P
SAW Filter 1220MHz SMD 3.0횞3.0mm
TA0786A TAI-SAW-TA0786A Datasheet
271Kb / 7P
SAW Filter 1220MHz SMD 3.0횞3.0mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF1220BA02521S SPECTRUM-SF1220BA02521S Datasheet
101Kb / 3P
1220MHz SAW Filter 8 MHz Bandwidth
logo
API Technologies Corp
SF1220BA02521S APITECH-SF1220BA02521S Datasheet
101Kb / 3P
1220MHz SAW Filter 8 MHz Bandwidth
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
Golledge Electronics Lt...
MA05464 GOLLEDGE-MA05464 Datasheet
97Kb / 4P
SAW Filter 1220MHz
MA05465 GOLLEDGE-MA05465 Datasheet
117Kb / 4P
SAW Filter 1220MHz
MA05463 GOLLEDGE-MA05463 Datasheet
59Kb / 4P
SAW Filter 1220MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com