Electronic Components Datasheet Search
  English  ▼

X  

RIT3225B Datasheet(PDF) 1 Page - TEMEX

Part # RIT3225B
Description  HIGH STABILITY SMD TCXO GNSS AND COMMUNICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RIT3225B Datasheet(HTML) 1 Page - TEMEX

  RIT3225B Datasheet HTML 1Page - TEMEX RIT3225B Datasheet HTML 2Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH STABILITY SMD TCXO | GNSS AND COMMUNICATIONS
www.rakon.com
sales@rakon.com
Page 1 of 2
RIT3225B
The RIT3225B employs an analogue ASIC for the oscillator and a high order temperature compensation circuit in a 3.2 x 2.5 mm size package.
This SMD Temperature Compensated Crystal Oscillators provides voltage control option with a wide frequency ranges available from 9.5
MHz to 52 MHz. It is built using rakon’s proprietary processes specifically targeted at high performance GNSS applications.
Standard Specifications
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
Nominal frequency
9.5 – 52
MHz
Frequency calibration
±2
ppm
Offset from nominal frequency measured at 25°C
±2°C
Operating temperature range
-40
85
°C
The operating temperature range over which the
frequency stability is measured
Frequency stability
over temperature
±0.5 –
±2.5
ppm
Referenced to the midpoint between minimum and
maximum frequency value over the specified
temperature range1
Control voltage set to midpoint of VC
Sensitivity to supply voltage
variations
±0.2
ppm
VDD varied ±5% at 25°C
Sensitivity to load variations
±0.1
ppm
±10% load change at 25°C2
Long term stability
±1
ppm
Frequency drift over 1 year at 25°C
Supply voltage (VDD)
1.8 – 3.3
V
With a tolerance of ±5%
Supply current
6
mA
At maximum VDD2
Output voltage level
0.8
V
At minimum VDD, specified for load stated in
oscillator output section at 25°C 2
Output waveform
DC coupled clipped sinewave3
1 Parts should be shielded from drafts causing unexpected thermal gradients. Temperature changes due to ambient air currents on the
oscillator can lead to short term frequency drift.
2 Specified for load stated in oscillator output section at 25°C.
3 External AC-Coupling capacitor required. 1 nF or greater recommended.
Features
Applications
3.2 x 2.5
mm
Frequency slope and perturbation
specifications can be customized to the
application requirement
Excellent phase noise performance
Standard temperature stability choices are
±0.5, ±1.0, ±1.5 and ±2.5 ppm over
temperature from -40 to 85°C
o
GNSS
o
Smartphone
o
PND
o
Consumer
o
Communications
o
Wi-Fi


Similar Part No. - RIT3225B

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
RIT-1260 INTRONICS-RIT-1260 Datasheet
1Mb / 6P
High Performance STD Bus Compatible Analog I/O Subsystems
RIT-1262 INTRONICS-RIT-1262 Datasheet
1Mb / 6P
High Performance STD Bus Compatible Analog I/O Subsystems
logo
TEMEX
RIT2016C TEMEX-RIT2016C Datasheet
619Kb / 2P
HIGH STABILITY SMD 1.2V TCXO SMART GRIDS AND METERS
More results

Similar Description - RIT3225B

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEA95 TEMEX-QEA95 Datasheet
612Kb / 6P
SMD 9.6x11.4 TCXO / VC-TCXO - Communications equipment applications
logo
Epson ToYoCom
TCO-5060 EPSONTOYOCOM-TCO-5060 Datasheet
332Kb / 2P
TCXO HIGH-STABILITY
logo
Epson Company
TG-5006CE EPSON-TG-5006CE Datasheet
393Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
logo
Seiko Instruments Inc
TG1612SAN SII-TG1612SAN Datasheet
555Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
TG2016SBN SII-TG2016SBN Datasheet
648Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
TG2520SBN SII-TG2520SBN Datasheet
648Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
TG3225CEN SII-TG3225CEN Datasheet
725Kb / 2P
TCXO/VC-TCXO HIGH STABILITY, CMOS OUTPUT
logo
Vectron International, ...
MD-171 VECTRON-MD-171 Datasheet
1Mb / 7P
High Stability GNSS Disciplined Oscillator Module
logo
TEMEX
RIT2016C TEMEX-RIT2016C Datasheet
619Kb / 2P
HIGH STABILITY SMD 1.2V TCXO SMART GRIDS AND METERS
logo
Epson Company
TG5032CCN EPSON-TG5032CCN Datasheet
680Kb / 2P
TCXO / VC-TCXO ULTRA HIGH STABILITY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com