Electronic Components Datasheet Search
  English  ▼

X  

RK408MS1 Datasheet(PDF) 1 Page - TEMEX

Part # RK408MS1
Description  HIGH RELIABILITY 10-8 STABILITY CLASS OCXO SPACE SOLUTIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RK408MS1 Datasheet(HTML) 1 Page - TEMEX

  RK408MS1 Datasheet HTML 1Page - TEMEX RK408MS1 Datasheet HTML 2Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH RELIABILITY 10-8 STABILITY CLASS OCXO | SPACE SOLUTIONS
Date: 29 May 2018
Issue: Shortform, 51001203.110, Issue A4
Specifications subject to change without notice
Page 1 of 2
www.rakon.com
Specific requests can be emailed to Rakon: hirel@rakon.com
RK408 MS1
The RK408 MS1 platform is a Space OCXO generating an ultra-low noise signal at low and high frequencies. This frequency source is featured
by a remarkable frequency stability vs. temperature range down to ±20 ppb under vacuum and a noise floor down to -165 dBc/Hz.
The RK408 MS1 can be screened following the guidance of MIL-PRF-55310 (Class 1, type 4, level S) or to an optimised and shorter flow. This
product platform is ideal for navigation, positioning and SAR systems.
Environmental Conditions
Parameter
Condition / Remarks
Min.
Typ.
Max.
Unit
Operating temperature (TOP)
Option A
Option B
Option C
-5
-20
-40
25
25
25
60
70
70
°C
Switch-on temperature
TSO
-40
85
°C
Non-operating temperature
TNOP
-40
85
°C
Random vibration
MIL-STD-202 Method 214, conduction K (46.3 grms)
Sine vibration
MIL-STD-202 Method 204, Condition D (20G)
Mechanical shock
MIL-STD-202, Method 213, conduction F: Half sine with a peak acceleration of 1500g for duration of 0.5ms
Radiation
Total Ionizing Dose (TID) of 100 kRad, low dose rate (36 to 360 rad/h), No SEL up to LET=60 MeV/mg/cm²
Electrical Interface
Parameter
Condition / Remarks
Min.
Typ.
Max.
Unit
Power supply
Option 2 (12 V)
11
12
13
V
Load impedance
45
50
55
Ω
Supply voltage (Vs)
Option 2 (12 V)
6.75
7.25
7.75
V
Control voltage (Vc)
When Vc option is selected
0
Vref
V
Phase Noise
Parameter
Condition / Remarks
@ 10 MHz
@ 100 MHz
@ 120 MHz
Unit
Phase noise (max.)
1 Hz offset
-100
-70
-65
dBc
10 Hz offset
-130
-100
-95
dBc
100 Hz offset
-150
-130
-125
dBc
1 kHz offset
-160
-152
-150
dBc
10 kHz offset
-165
-162
-162
dBc
100 kHz offset
-165
-165
-165
dBc
Note: Products with better phase noise performance can be delivered if required
Features
Applications
40 x 50 x 20 mm
Frequency: 10 to 125 MHz
Short lead time for 10, 20, 40, 50,
80, 100 and 120 MHz frequencies
FvT: ± 20 ppb under Vacuum
Low phase noise
Steady state consumption:
2 W under vacuum
3 W under atmospheric pressure
Supply voltage: +12 V
Warm up consumption: 5 W max
Ageing ±300 ppb max over 18
years at 10 MHz
Output wave form: sine 50 Ω
Output level: 10 to 12 dBm
Component selected as per
ECSS-Q-ST-70-08C and ECSS-Q-
ST-70-38C
Materials selected as per
ECSS-Q-ST-70
SAR systems
GNSS receivers
Navigation
Low noise synthesizers
Frequency generator
unit (FGU)
Micro D + SMA


Similar Part No. - RK408MS1

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
RK408MS1A21EM10M RAKON-RK408MS1A21EM10M Datasheet
447Kb / 5P
HIGH RELIABILITY 10-8 STABILITY CLASS OCXO | SPACE SOLUTIONS
18 July 2024
RK408MS1A21EQM10M RAKON-RK408MS1A21EQM10M Datasheet
447Kb / 5P
HIGH RELIABILITY 10-8 STABILITY CLASS OCXO | SPACE SOLUTIONS
18 July 2024
RK408MS1A21FM10M RAKON-RK408MS1A21FM10M Datasheet
447Kb / 5P
HIGH RELIABILITY 10-8 STABILITY CLASS OCXO | SPACE SOLUTIONS
18 July 2024
RK408MS1A22EM10M RAKON-RK408MS1A22EM10M Datasheet
447Kb / 5P
HIGH RELIABILITY 10-8 STABILITY CLASS OCXO | SPACE SOLUTIONS
18 July 2024
RK408MS1A22EQM10M RAKON-RK408MS1A22EQM10M Datasheet
447Kb / 5P
HIGH RELIABILITY 10-8 STABILITY CLASS OCXO | SPACE SOLUTIONS
18 July 2024
More results

Similar Description - RK408MS1

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM40 AXTAL-AXIOM40 Datasheet
54Kb / 2P
OCXO high stability, HCMOS Output
2006-07-10
AXIOM45 AXTAL-AXIOM45 Datasheet
54Kb / 2P
OCXO High stability, Sinewave Output
2005-07-15
logo
Connor-Winfield Corpora...
OFC5CE1AB CONNOR-WINFIELD-OFC5CE1AB Datasheet
145Kb / 2P
High Stability HCMOS OCXO
logo
Micross Components
HSSC0201-10NF MICROSS-HSSC0201-10NF Datasheet
231Kb / 1P
High Stability & Reliability Capacitor
HSSC0402-100NF MICROSS-HSSC0402-100NF Datasheet
231Kb / 1P
High Stability & Reliability Capacitor
HSSC0402-470PF MICROSS-HSSC0402-470PF Datasheet
231Kb / 1P
High Stability & Reliability Capacitor
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
High reliability and stability.
logo
Ohmite Mfg. Co.
RES-METAL-DEVIL OHMITE-RES-METAL-DEVIL Datasheet
173Kb / 2P
High Stability, Reliability
logo
TEMEX
HSO13 TEMEX-HSO13 Datasheet
514Kb / 4P
10-13 Short-term stability class OCXO
logo
WALSIN TECHNOLOGY CORPO...
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
High reliability and stability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com