Electronic Components Datasheet Search
  English  ▼

X  

RK1055032 Datasheet(PDF) 2 Page - TEMEX

Part # RK1055032
Description  Missions where TID limit of 72/100 kRad and latch-up free till 32.4/62 MeV are required
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RK1055032 Datasheet(HTML) 2 Page - TEMEX

  RK1055032 Datasheet HTML 1Page - TEMEX RK1055032 Datasheet HTML 2Page - TEMEX RK1055032 Datasheet HTML 3Page - TEMEX RK1055032 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HIGH RELIABILITY RADIATION TOLERANT COTS XO | SPACE SOLUTIONS
Date: 20 Jul 2018
Issue: Shortform, 51001204.110, Issue A1
Specifications subject to change without notice
Page 2 of 4
www.rakon.com
Requests can be emailed to: hirel@rakon.com
3.
Electrical Interface
Parameter
Condition / Remarks
Min.
Typ.
Max.
Unit
Power supply (VDD)
Option 2: 2.5 V
Option 3: 3.3 V
2.375
2.97
2.5
3.3
2.625
3.63
V
Stead state input current power
CMOS output:
LVDS output
LVPECL output
20
23
54
mA
4.
Output Characteristics – CMOS3
Parameter
Condition / Remarks
Min.
Typ.
Max.
Unit
Nominal frequency
CMOS output
8
200
MHz
Output voltage (VOL)
15pf load
10% VDD
V
Output voltage (VOH)
15pf load
90% VDD
V
Duty cycle
@50% VDD
48
52
%
Rise time / Fall time
90% to 10% Vcc
3
ns
RMS Phase Jitter
Integrated 12 kHz to 20 MHz
0.9
2.5
ps
5.
Output Characteristics – LVPECL
Parameter
Condition / Remarks
Min.
Typ.
Max.
Unit
Nominal frequency
LVPECL output
8
1500
MHz
Output voltage (VOL)
50Ω nominal load
VDD – 1.6V
V
Output voltage (VOH)
50Ω nominal load
VDD – 1.03V
V
Duty cycle
@ VDD – 1.03V
(45 to 55% over 600 MHz)
48
52
%
Rise time / Fall time
80% to 20% Vcc
0.6
ns
RMS Phase Jitter
Integrated 12 kHz to 20 MHz
0.9
2.5
ps
6.
Output Characteristics – LVDS
Parameter
Condition / Remarks
Min.
Typ.
Max.
Unit
Nominal frequency
LVDS output
8
1500
MHz
Output voltage
Voltage swing (VOD)
350
mV
Duty cycle
Measured @ 1.25 V
(45 to 55% over 150 MHz)
48
52
%
Rise time / Fall time
RL = 100 Ω / CL = 10 pF
0.6
ns
RMS Phase Jitter
Integrated 12 kHz to 20 MHz
0.9
2.5
ps
3 The CMOS output is TTL compatible with the 3.3 V supply voltage.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com