Electronic Components Datasheet Search
  English  ▼

X  

MP02683 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02683
Description  SAW Filter 740MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02683 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02683 Datasheet HTML 1Page - Golledge Electronics Ltd MP02683 Datasheet HTML 2Page - Golledge Electronics Ltd MP02683 Datasheet HTML 3Page - Golledge Electronics Ltd MP02683 Datasheet HTML 4Page - Golledge Electronics Ltd MP02683 Datasheet HTML 5Page - Golledge Electronics Ltd MP02683 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 740MHz
Model: TA0882A
Part No: MP02683
REV. NO.: 1
TA0882A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 12 dBm
2. DC Voltage : 3V
3. Operating Temperature: -20°C to +75°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency
Fc
MHz
-
740
-
-
Insertion loss (734~746MHz)
IL
dB
-
1.6
4.5
-
Amplitude Ripple (734 ~ 746 MHz)
dB
-
0.7
2
-
Group Delay Variation (734~746 MHz)
ns
-
20
45
-
Attenuation (Reference level from 0 dB)
0 ~ 643
MHz
dB
37
43.5
-
-
643 ~ 693
MHz
dB
37
45
-
-
693 ~ 716
MHz
dB
20
53
-
-
766 ~ 793
MHz
dB
35
51
-
-
793 ~ 843
MHz
dB
40
47
-
-
843 ~ 1000
MHz
dB
38
47
-
-
1000 ~ 1500
MHz
dB
25
47
-
-
Temperature Coefficient of Frequency
Ppm/
℃
-
-35
-
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F


Similar Part No. - MP02683

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02682 GOLLEDGE-MP02682 Datasheet
68Kb / 5P
SAW Filter 340MHz
MP02684 GOLLEDGE-MP02684 Datasheet
122Kb / 5P
SAW Filter 716MHz
More results

Similar Description - MP02683

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBN74001 SIPAT-LBN74001 Datasheet
180Kb / 3P
740MHz SAW Filter 80MHz Bandwidth
LBN74001 SIPAT-LBN74001 Datasheet
180Kb / 3P
740MHz SAW Filter 80MHz Bandwidth
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
logo
TAI-SAW TECHNOLOGY CO.,...
TF0092A TAI-SAW-TF0092A Datasheet
328Kb / 14P
SAW DPX 710/740MHz LTE Band 17 SMD 2016 (12MHz BW)
TF0108B TAI-SAW-TF0108B Datasheet
1Mb / 14P
SAW DPX 710/740MHz LTE Band 17 SMD 2016(12MHz BW)
TF0190A TAI-SAW-TF0190A Datasheet
620Kb / 13P
SAW DPX 710 / 740MHz 12/12MHz BW Band17 SMD1.8X1.4 mm
TF0190B TAI-SAW-TF0190B Datasheet
1Mb / 13P
SAW DPX 710 / 740MHz 12/12MHz BW Band17 SMD1.8X1.4 mm
logo
Transko Electronics, In...
TD710AP3 TRANSKO-TD710AP3 Datasheet
453Kb / 7P
SAW Duplexer For 710MHz / 740MHz
Revision 1: July 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com