Electronic Components Datasheet Search
  English  ▼

X  

MP02684 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02684
Description  SAW Filter 716MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02684 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02684 Datasheet HTML 1Page - Golledge Electronics Ltd MP02684 Datasheet HTML 2Page - Golledge Electronics Ltd MP02684 Datasheet HTML 3Page - Golledge Electronics Ltd MP02684 Datasheet HTML 4Page - Golledge Electronics Ltd MP02684 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 716MHz
Model: TA0958A
Part No: MP02684
REV. NO.: 1
TA0958A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -20°C to +75°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency
Fc
MHz
-
716
-
-
Insertion loss (710~722MHz)
IL
dB
-
1.5
4.5
-
Amplitude Ripple (710 ~ 722 MHz)
dB
-
0.5
2
-
Group Delay Variation (710~722 MHz)
ns
-
20
45
-
Attenuation (Reference level from 0 dB)
0 ~ 619
MHz
dB
37
41
-
-
619 ~ 669
MHz
dB
37
42
-
-
669 ~ 685
MHz
dB
30
50
-
-
740 ~ 755
MHz
dB
30
52
-
-
769 ~ 819
MHz
dB
35
44
-
-
819 ~ 1000
MHz
dB
38
44
-
-
1000 ~ 1500
MHz
dB
25
44
-
-
Temperature Coefficient of Frequency
Ppm/
℃
-
-35
-
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
2
6
1,3 ,4,5 ,7,8


Similar Part No. - MP02684

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02682 GOLLEDGE-MP02682 Datasheet
68Kb / 5P
SAW Filter 340MHz
MP02683 GOLLEDGE-MP02683 Datasheet
128Kb / 6P
SAW Filter 740MHz
More results

Similar Description - MP02684

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com