Electronic Components Datasheet Search
  English  ▼

X  

MP02776 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02776
Description  SAW Filter 1300.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02776 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02776 Datasheet HTML 1Page - Golledge Electronics Ltd MP02776 Datasheet HTML 2Page - Golledge Electronics Ltd MP02776 Datasheet HTML 3Page - Golledge Electronics Ltd MP02776 Datasheet HTML 4Page - Golledge Electronics Ltd MP02776 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1300.0MHz
Model: TA0840A
Part No: MP02776
Rev. No: 1
TA0840A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC Voltage: 3V
3. Operating Temperature: -25°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
1300
Insertion loss (1296 ~ 1304MHz) IL
dB
-
2.9
4.5
Absolute Group delay at 1300MHz
ns
-
33
60
Group delay variation (1296 ~ 1304MHz)
ns
-
4
15
Phase variation (1296 ~ 1304MHz)
Deg
-
2.2
25
Amplitude ripple (1296 ~ 1304MHz)
dB
-
0.3
1.5
Attenuation (Referent to IL)
Fc - 30MHz
dB
10
31
-
Fc + 30MHz
dB
10
26
-
Fc - 60MHz
dB
30
57
-
Fc + 60MHz
dB
30
39
-
Fc - 140MHz
dB
35
47
-
Fc + 140MHz
dB
35
42
-
Fc - 250MHz
dB
35
44
-
Fc + 250MHz
dB
35
43
-
Source impedance ZS
Ω
100
Load impedance ZL
Ω
100


Similar Part No. - MP02776

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02774 GOLLEDGE-MP02774 Datasheet
108Kb / 5P
SAW Filter 876MHz
MP02775 GOLLEDGE-MP02775 Datasheet
111Kb / 6P
SAW Filter 1316.0MHz
More results

Similar Description - MP02776

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA08803 GOLLEDGE-MA08803 Datasheet
187Kb / 4P
SAW Filter 1300.0MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com