Electronic Components Datasheet Search
  English  ▼

X  

MP02876 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02876
Description  SAW Filter 1250MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02876 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02876 Datasheet HTML 1Page - Golledge Electronics Ltd MP02876 Datasheet HTML 2Page - Golledge Electronics Ltd MP02876 Datasheet HTML 3Page - Golledge Electronics Ltd MP02876 Datasheet HTML 4Page - Golledge Electronics Ltd MP02876 Datasheet HTML 5Page - Golledge Electronics Ltd MP02876 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1250MHz
Model: TA0824A
Part No: MP02876
Rev No: 2
TA0824A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC Voltage: 3V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -50°C to +95°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance (differential): ZS = 180
and matching network
Terminating load impedance (differential): ZL = 180
and matching network
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency Fc
MHz
-
1250
-
-
Bandwidth at -3dB
MHz
96
114
-
-
Insertion Loss in 1202 ~ 1298MHz
dB
-
5.3
7
-
Amplitude ripple (1202MHz ~ 1298MHz)
dB
-
1.7
3
-
Amplitude ripple (1202MHz ~ 1298MHz) in any
6MHz channel
dB
-
0.6
2
-
Group Delay ripple (1202MHz ~ 1298MHz)
ns
-
8
60
-
Group Delay ripple (1202MHz ~ 1298MHz) in any
6MHz channel
ns
-
2.2
18
-
I/O Return Loss (1202MHz ~ 1298MHz)
dB
9
12
-
-
Attenuation (Reference level from 0dB)
500 ~ 1050MHz
dB
45
52
-
-
1050 ~ 1150MHz
dB
30
49
-
-
1350 ~ 1440MHz
dB
12
25
-
-
1440 ~ 2000MHz
dB
45
50
-
-


Similar Part No. - MP02876

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02875 GOLLEDGE-MP02875 Datasheet
73Kb / 6P
SAW Filter 2641.5MHz
More results

Similar Description - MP02876

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2160A TAI-SAW-TA2160A Datasheet
810Kb / 9P
SAW Filter 1250MHz
TA2386B TAI-SAW-TA2386B Datasheet
381Kb / 7P
SAW Filter 1250MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com