Electronic Components Datasheet Search
  English  ▼

X  

SM4002DT Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM4002DT
Description  1Amp Surface Mount Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM4002DT Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM4002DT Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM4002DT Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM4001DT~SM4007DT
Voltage 50V~1000V
1Amp Surface Mount Silicon Rectifiers
06-Feb-2018 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
1
1
1
Cathode
2
2
2
2
Anode
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Heatsink Structure
Low Profile, Typical Thickness 0.8mm
Moisture Sensitivity: Level 1, Per J-STD-020
High Temperature Soldering Guaranteed: 260°C/10 Seconds
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123DT
3K
7 inch
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Part Number
Parameter
Symbol
SM
4001DT
SM
4002DT
SM
4003DT
SM
4004DT
SM
4005DT
SM
4006DT
SM
4007DT
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
IF
1
A
Peak Forward Surge Current @8.3ms Single
Half Sine-Wave Superimposed on Rate Load
IFSM
40
A
Rating for Fusing (t<8.3ms)
I
2t
7
A
2S
TA=25°C
1
Maximum Instantaneous
Forward Voltage @IF=1A
TA=125°C
VF
0.88
V
TA=25°C
5
Maximum DC Reverse Current
@Rated DC Blocking Voltage
TA=125°C
IR
50
A
Typical Reverse Recovery
Time
IF=0.5A, IR=1A
Irr=0.25A
trr
1.5
uS
Typical Junction Capacitance
4V, 1MHz
CJ
6.5
pF
Typical Thermal Resistance from
Junction-Ambient
1
RθJA
63
Typical Thermal Resistance from
Junction-Case
2
RθJC
39
Typical Thermal Resistance from
Junction-Lead
1
RθJL
9
°C/W
Operating Junction and Storage Temperature
TJ, TSTG
-55~150
°C
Notes:
1.
The thermal resistance from junction to ambient or lead, mounted on P.C.B with 5×5mm copper pads, 2 OZ, FR4 PCB.
2.
The thermal resistance from junction to case, mounted on P.C.B with recommended copper pads, 2 OZ, FR4 PCB.
Part Number
Type
SM4001DT~SM4007DT
Lead (Pb)-free
SM4001DT-C~SM4007DT-C
Lead (Pb)-free and Halogen-free
SOD-123DT
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.9
3.1
F
0.85
1.05
B
1.9
2.1
G
0.6 REF.
C
0.75
0.9
H
0.4
0.85
D
3.5
3.9
I
1.66 REF.
E
0.1
0.25
J
1.3
1.7
P7A


Similar Part No. - SM4002DT

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM4002 RECTRON-SM4002 Datasheet
21Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Bytes
SM4002 BYTES-SM4002 Datasheet
149Kb / 2P
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Shanghai Lunsure Electr...
SM4002 CHENYI-SM4002 Datasheet
142Kb / 2P
SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
logo
Dc Components
SM4002 DCCOM-SM4002 Datasheet
358Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Formosa MS
SM4002 FORMOSA-SM4002 Datasheet
65Kb / 2P
Glass passivated type
More results

Similar Description - SM4002DT

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
S3A WEITRON-S3A Datasheet
185Kb / 3P
Surface Mount Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
LM4001 SEMTECH_ELEC-LM4001 Datasheet
280Kb / 2P
SURFACE MOUNT SILICON RECTIFIERS
LL4001 SEMTECH_ELEC-LL4001 Datasheet
205Kb / 2P
SURFACE MOUNT SILICON RECTIFIERS
logo
Frontier Electronics.
S07A-LFR FRONTIER-S07A-LFR Datasheet
120Kb / 2P
SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4001A SECOS-SM4001A_15 Datasheet
379Kb / 2P
1.0Amp Surface Mount Silicon Rectifiers
logo
Central Semiconductor C...
CMSH1-40HE CENTRAL-CMSH1-40HE_15 Datasheet
301Kb / 3P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH3-20 CENTRAL-CMSH3-20_15 Datasheet
338Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
logo
Galaxy Semi-Conductor H...
S2DF BILIN-S2DF Datasheet
449Kb / 4P
Surface Mount Silicon Rectifiers
Rev.B
logo
SeCoS Halbleitertechnol...
MB140F-C SECOS-MB140F-C Datasheet
298Kb / 2P
1Amp Surface Mount Bridge Rectifiers
logo
MIC GROUP RECTIFIERS
G2AF MIC-G2AF Datasheet
85Kb / 3P
SURFACE MOUNT SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com