Electronic Components Datasheet Search
  English  ▼

X  

SRL10100 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SRL10100
Description  Low VF Trench Barrier Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SRL10100 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SRL10100 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SRL10100 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SRL10100
Voltage 100V 10.0 Amp
Low VF Trench Barrier Schottky Rectifier
06-Sep-2017 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Guardring for overvoltage protection
Very small conduction losses
Low forward voltage drop
Component in accordance to RoHS 2002/95/EC
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 1.071 g (Approximate)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise noted)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
100
V
Maximum RMS Voltage
VRMS
70
V
Maximum DC Blocking Voltage
VDC
100
V
Maximum Average Forward Rectified Current
IF
10
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
Superimposed on rated load (JEDEC method)
IFSM
100
A
Typical Thermal Resistance
1
RθJL
12
°C /W
Operating and Storage Temperature Range
TJ,TSTG
-55~150
°C
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Typ.
Max.
Unit
Test Condition
0.44
-
IF=2A, TA=25°C
Maximum Instantaneous Forward Voltage
VF
-
0.67
V
IF=10A, TA=25°C
-
0.2
TA=25°C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
IR
-
20
mA
TA=100°C
Typical Junction Capacitance
2
CJ
545
-
pF
Notes:
1. The testing condition of the thermal resistance (junction to lead) is based on 0mm lead between two 10cm x 10cm x 1mm copper pad.
2. Measured at 1.0MHZ and applied reverse voltage of 4.0V DC.
DO-27(DO-201)
Millimeter
REF.
Min.
Max.
A
25.4 (TYP)
B
7.20
9.53
C
4.80
5.60
D
1.10
1.32


Similar Part No. - SRL10100

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SRL10100 RECTRON-SRL10100 Datasheet
373Kb / 5P
SCHOTTKY BARRIER RECTIFIER
SRL10100CK RECTRON-SRL10100CK Datasheet
379Kb / 6P
Schottky Diode
SRL10100P RECTRON-SRL10100P Datasheet
155Kb / 7P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRL10100

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBL40U100 SECOS-SBL40U100 Datasheet
149Kb / 2P
Low VF Trench Barrier Schottky Rectifier
SBL10U100D1 SECOS-SBL10U100D1 Datasheet
138Kb / 2P
Low VF Trench Barrier Schottky Rectifier
SBL30U200 SECOS-SBL30U200 Datasheet
207Kb / 2P
Low VF Trench Barrier Schottky Rectifier
SBL30U200F SECOS-SBL30U200F Datasheet
226Kb / 2P
Low VF Trench Barrier Schottky Rectifier
SBL20U150F SECOS-SBL20U150F Datasheet
252Kb / 2P
Low VF Trench Barrier Schottky Rectifier
SBL20U120 SECOS-SBL20U120_15 Datasheet
198Kb / 2P
Low VF Trench Barrier Schottky Rectifier
SBL40U100F SECOS-SBL40U100F_15 Datasheet
161Kb / 2P
Low VF Trench Barrier Schottky Rectifier
SBL20U100DS1 SECOS-SBL20U100DS1 Datasheet
241Kb / 2P
Low VF Trench Barrier Schottky Rectifier
SBL30A100F SECOS-SBL30A100F Datasheet
232Kb / 2P
Low VF Trench Barrier Schottky Rectifier
SBL30U80F SECOS-SBL30U80F_18 Datasheet
139Kb / 2P
Low VF Trench Barrier Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com