Electronic Components Datasheet Search
  English  ▼

X  

74VHC175 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74VHC175
Description  Quad D-Type Flip-Flop
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VHC175 Datasheet(HTML) 2 Page - ON Semiconductor

  74VHC175 Datasheet HTML 1Page - ON Semiconductor 74VHC175 Datasheet HTML 2Page - ON Semiconductor 74VHC175 Datasheet HTML 3Page - ON Semiconductor 74VHC175 Datasheet HTML 4Page - ON Semiconductor 74VHC175 Datasheet HTML 5Page - ON Semiconductor 74VHC175 Datasheet HTML 6Page - ON Semiconductor 74VHC175 Datasheet HTML 7Page - ON Semiconductor 74VHC175 Datasheet HTML 8Page - ON Semiconductor 74VHC175 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
tm
May 2007
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC175 Rev. 1.2
74VHC175
Quad D-Type Flip-Flop
Features
■ High Speed: fMAX = 210MHz (Typ.) at VCC = 5V
■ Low power dissipation: ICC = 4µA (Max.) at TA = 25°C
■ High noise immunity: VNIH = VNIL = 28% VCC (Min.)
■ Power down protection is provided on all inputs
■ Low noise: VOLP = 0.8V (Max.)
■ Pin and function compatible with 74HC175
General Description
The VHC175 is an advanced high-speed CMOS device
fabricated with silicon gate CMOS technology. It
achieves the high-speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
The VHC175 is a high-speed quad D-type flip-flop. The
device is useful for general flip-flop requirements where
clock and clear inputs are common. The information on
the D inputs is stored during the LOW-to-HIGH clock
transition. Both true and complemented outputs of each
flip-flop are provided. A Master Reset input resets all flip-
flops, independent of the Clock or D inputs, when LOW.
An input protection circuit insures that 0V to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and two supply systems such as battery
backup. This circuit prevents device destruction due to
mismatched supply and input voltages.
Ordering Information
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the
ordering number.
Connection Diagram
Pin Description
Order Number
Package
Number
Package Description
74VHC175M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VHC175SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC175MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
Pin Names
Description
D0–D3
Data Inputs
CP
Clock Pulse Input
MR
Master Reset Input
Q0–Q3
True Outputs
Q0–Q 3
Complement Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com