Electronic Components Datasheet Search
  English  ▼

X  

MM74HC374 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MM74HC374
Description  3-STATE Octal D-Type Flip-Flop
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC374 Datasheet(HTML) 2 Page - ON Semiconductor

  MM74HC374 Datasheet HTML 1Page - ON Semiconductor MM74HC374 Datasheet HTML 2Page - ON Semiconductor MM74HC374 Datasheet HTML 3Page - ON Semiconductor MM74HC374 Datasheet HTML 4Page - ON Semiconductor MM74HC374 Datasheet HTML 5Page - ON Semiconductor MM74HC374 Datasheet HTML 6Page - ON Semiconductor MM74HC374 Datasheet HTML 7Page - ON Semiconductor MM74HC374 Datasheet HTML 8Page - ON Semiconductor MM74HC374 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
DS005336
www.fairchildsemi.com
September 1983
Revised May 2005
MM74HC374
3-STATE Octal D-Type Flip-Flop
General Description
The MM74HC374 high speed Octal D-Type Flip-Flops uti-
lize advanced silicon-gate CMOS technology. They pos-
sess the high noise immunity and low power consumption
of standard CMOS integrated circuits, as well as the ability
to drive 15 LS-TTL loads. Due to the large output drive
capability and the 3-STATE feature, these devices are ide-
ally suited for interfacing with bus lines in a bus organized
system.
These devices are positive edge triggered flip-flops. Data
at the D inputs, meeting the setup and hold time require-
ments, are transferred to the Q outputs on positive going
transitions of the CLOCK (CK) input. When a high logic
level is applied to the OUTPUT CONTROL (OC) input, all
outputs go to a high impedance state, regardless of what
signals are present at the other inputs and the state of the
storage elements.
The 74HC logic family is speed, function, and pinout com-
patible with the standard 74LS logic family. All inputs are
protected from damage due to static discharge by internal
diode clamps to VCC and ground.
Features
■ Typical propagation delay: 20 ns
■ Wide operating voltage range: 2–6V
■ Low input current: 1
PA maximum
■ Low quiescent current: 80
PA maximum
■ Compatible with bus-oriented systems
■ Output drive capability: 15 LS-TTL loads
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View
Truth Table
H
HIGH Level
L
LOW Level
X
Don't Care
n Transition from LOW-to-HIGH
Z
High Impedance State
Q0
The level of the output before steady state input conditions were
established
Order Number
Package Number
Package Description
MM74HC374WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
MM74HC374SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC374MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC374N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Output
Clock
Data
Output
Control
L
n
HH
L
n
LL
LL
X
Q0
HX
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com