Electronic Components Datasheet Search
  English  ▼

X  

MM74HC374WM Datasheet(PDF) 4 Page - ON Semiconductor

Part # MM74HC374WM
Description  3-STATE Octal D-Type Flip-Flop
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC374WM Datasheet(HTML) 4 Page - ON Semiconductor

  MM74HC374WM Datasheet HTML 1Page - ON Semiconductor MM74HC374WM Datasheet HTML 2Page - ON Semiconductor MM74HC374WM Datasheet HTML 3Page - ON Semiconductor MM74HC374WM Datasheet HTML 4Page - ON Semiconductor MM74HC374WM Datasheet HTML 5Page - ON Semiconductor MM74HC374WM Datasheet HTML 6Page - ON Semiconductor MM74HC374WM Datasheet HTML 7Page - ON Semiconductor MM74HC374WM Datasheet HTML 8Page - ON Semiconductor MM74HC374WM Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
VCC
5V, TA 25qC, tr tf 6 ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
fMAX
Maximum Operating
50
35
MHz
Frequency
tPHL, tPLH
Maximum Propagation
CL 45 pF
20
32
ns
Delay Clock to Q
tPZH, tPZL
Maximum Output Enable
RL k:
Time
CL 45 pF
19
28
ns
tPHZ, tPLZ
Maximum Output Disable
RL k:
17
25
ns
Time
CL 5 pF
tS
Minimum Setup Time
20
ns
tH
Minimum Hold Time
5ns
tW
Minimum Pulse Width
9
16
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com