Electronic Components Datasheet Search
  English  ▼

X  

MM74HCT373MTC Datasheet(PDF) 2 Page - ON Semiconductor

Part # MM74HCT373MTC
Description  3-STATE Octal D-Type Latch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HCT373MTC Datasheet(HTML) 2 Page - ON Semiconductor

  MM74HCT373MTC Datasheet HTML 1Page - ON Semiconductor MM74HCT373MTC Datasheet HTML 2Page - ON Semiconductor MM74HCT373MTC Datasheet HTML 3Page - ON Semiconductor MM74HCT373MTC Datasheet HTML 4Page - ON Semiconductor MM74HCT373MTC Datasheet HTML 5Page - ON Semiconductor MM74HCT373MTC Datasheet HTML 6Page - ON Semiconductor MM74HCT373MTC Datasheet HTML 7Page - ON Semiconductor MM74HCT373MTC Datasheet HTML 8Page - ON Semiconductor MM74HCT373MTC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
DS005367
www.fairchildsemi.com
February 1984
Revised May 2005
MM74HCT373 • MM74HCT374
3-STATE Octal D-Type Latch •
3-STATE Octal D-Type Flip-Flop
General Description
The
MM74HCT373
octal
D-type
latches
and
MM74HCT374 Octal D-type flip flops advanced silicon-gate
CMOS technology, which provides the inherent benefits of
low power consumption and wide power supply range, but
are LS-TTL input and output characteristic & pin-out com-
patible. The 3-STATE outputs are capable of driving 15 LS-
TTL loads. All inputs are protected from damage due to
static discharge by internal diodes to VCC and ground.
When the MM74HCT373 LATCH ENABLE input is HIGH,
the Q outputs will follow the D inputs. When the LATCH
ENABLE goes LOW, data at the D inputs will be retained at
the outputs until LATCH ENABLE returns HIGH again.
When a high logic level is applied to the OUTPUT CON-
TROL input, all outputs go to a high impedance state,
regardless of what signals are present at the other inputs
and the state of the storage elements.
The MM74HCT374 are positive edge triggered flip-flops.
Data at the D inputs, meeting the setup and hold time
requirements, are transferred to the Q outputs on positive
going transitions of the CLOCK (CK) input. When a high
logic level is applied to the OUTPUT CONTROL (OC)
input, all outputs go to a high impedance state, regardless
of what signals are present at the other inputs and the state
of the storage elements.
MM74HCT devices are intended to interface between TTL
and NMOS components and standard CMOS devices.
These parts are also plug in replacements for LS-TTL
devices and can be used to reduce power consumption in
existing designs.
Features
■ TTL input characteristic compatible
■ Typical propagation delay: 20 ns
■ Low input current: 1
PA maximum
■ Low quiescent current: 80
PA maximum
■ Compatible with bus-oriented systems
■ Output drive capability: 15 LS-TTL loads
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package Number
Package Descriptions
MM74HCT373WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
MM74HCT373SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HCT373MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HCT373N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
MM74HCT374WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
MM74HCT374SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HCT374MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HCT374N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com