Electronic Components Datasheet Search
  English  ▼

X  

8450 Datasheet(PDF) 1 Page - AVX Corporation

Part # 8450
Description  Male Style H 11
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8450 Datasheet(HTML) 1 Page - AVX Corporation

  8450 Datasheet HTML 1Page - AVX Corporation 8450 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
35
Male Style H 11
Series 8450 – single row (1 x 11)
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
I
11
fully loaded
10 8450 011 001 169
fully loaded + ground in first & last position
10 8450 011 101 169
fully loaded + keying*
12 8450 011 001 169
Faston (6.3 x 0.8)
fully loaded + keying + ground in first & last position
12 8450 011 101 169
11
fully loaded
10 8450 011 002 169
fully loaded + ground in first & last position
10 8450 011 102 169
3.0mm (1.2 x 0.8mm)
fully loaded + keying*
12 8450 011 002 169
Right Angled PC solder
fully loaded + keying + ground in first & last position
12 8450 011 102 169
DIMENSIONS
LOADING DESCRIPTION
11 contacts, fully loaded
11 contacts, fully loaded
with ground z1 & z32
●●●●
●
●●●●
●
denotes ground pin
NB: Connectors with Keying also require 10 pieces per connector pair of p/n 80 8456 8814 00 000
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
32
29
26
23
20
17
14
11
8
5
2
10 EQ SP @ 7.62 [0.300] = 76.2 [3.000]
10 EQ SP @ 7.62 [0.300] = 76.2 [3.000]
94.0
[3.700]
88.9
[3.500]
5.08
[0.200]
2.50
[0.098]
DIA.


Similar Part No. - 8450

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8450 FILTRAN-8450 Datasheet
148Kb / 1P
LAN 10/100 Base-T Single Port Transformer Module
logo
API Technologies Corp
8450 APITECH-8450 Datasheet
628Kb / 1P
10/100 BASE-T Single Port Transformer Module
logo
ebm-papst
8450 EBMPAPST-8450 Datasheet
375Kb / 3P
DC axial fans
8450 EBMPAPST-8450 Datasheet
704Kb / 3P
DC axial fans
8450 EBMPAPST-8450 Datasheet
345Kb / 3P
DC axial fans
More results

Similar Description - 8450

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
233226 ERNI-233226 Datasheet
118Kb / 1P
MESSERLEISTE H 11
233232 ERNI-233232 Datasheet
44Kb / 1P
Male Connector H 11 Solder
233233 ERNI-233233 Datasheet
38Kb / 1P
Messerleiste H 11
243246 ERNI-243246 Datasheet
61Kb / 1P
FEDERLEISTE H 11
logo
AVX Corporation
8456 AVX-8456 Datasheet
87Kb / 2P
Male Style H 15
logo
Adels-Contact
314411 ADELS-314411 Datasheet
111Kb / 1P
GSK 720 H/11
314511 ADELS-314511 Datasheet
111Kb / 1P
GSK 720 H/11 DS
logo
PHOENIX CONTACT
3212074 PHOENIX-3212074 Datasheet
167Kb / 13P
Plug - PP-H 4/11
3209963 PHOENIX-3209963 Datasheet
93Kb / 11P
Plug - PP-H 2,5/11
1406368 PHOENIX-1406368 Datasheet
85Kb / 5P
H distributor - QPD H 4PE2,5 4X6-11 BK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com