Electronic Components Datasheet Search
  English  ▼

X  

8457 Datasheet(PDF) 10 Page - AVX Corporation

Part # 8457
Description  Male Style 1/2 B
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8457 Datasheet(HTML) 10 Page - AVX Corporation

Back Button 8457 Datasheet HTML 4Page - AVX Corporation 8457 Datasheet HTML 5Page - AVX Corporation 8457 Datasheet HTML 6Page - AVX Corporation 8457 Datasheet HTML 7Page - AVX Corporation 8457 Datasheet HTML 8Page - AVX Corporation 8457 Datasheet HTML 9Page - AVX Corporation 8457 Datasheet HTML 10Page - AVX Corporation 8457 Datasheet HTML 11Page - AVX Corporation 8457 Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
22
DIMENSIONS
LOADING DESCRIPTION
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
96
a + b + c fully loaded
20 8457 096 001 025
20 8457 096 001 049
64
a + c fully loaded
20 8457 096 001 026
20 8457 096 001 050
0.6 x 0.6 mm Post Profile
32
a + c even loading
20 8457 096 001 033
20 8457 096 001 057
4.5 mm (Y) Straight
32
a loading only
20 8457 096 001 027
20 8457 096 001 051
96
a + b + c fully loaded
20 8457 096 002 025
20 8457 096 002 049
64
a + c fully loaded
20 8457 096 002 026
20 8457 096 002 050
0.6 x 0.6 mm Post Profile
32
a + c even loading
20 8457 096 002 033
20 8457 096 002 057
2.9 mm (Y) Straight
32
a loading only
20 8457 096 002 027
20 8457 096 002 051
96
a + b + c fully loaded
20 8457 096 005 025
20 8457 096 005 049
64
a + c fully loaded
20 8457 096 005 026
20 8457 096 005 050
0.6 x 0.6 mm Post Profile
32
a + c even loading
20 8457 096 005 033
20 8457 096 005 057
13.0 mm (Y) Straight
32
a loading only
20 8457 096 005 027
20 8457 096 005 051
96
a + b + c fully loaded
20 8457 096 010 025
20 8457 096 010 049
64
a + c fully loaded
20 8457 096 010 026
20 8457 096 010 050
0.6 x 0.6 mm Post Profile
32
a + c even loading
20 8457 096 010 033
20 8457 096 010 057
7.0 mm (Y) Straight
32
a loading only
20 8457 096 010 027
20 8457 096 010 051
96
a + b + c fully loaded
20 8457 096 011 025
20 8457 096 011 049
64
a + c fully loaded
20 8457 096 011 026
20 8457 096 011 050
0.6 x 0.6 mm Post Profile
32
a + c all even loading
20 8457 096 011 033
20 8457 096 011 057
3.5 mm (Y) Straight
32
a loading only
20 8457 096 011 027
20 8457 096 011 051
96
a + b + c fully loaded
20 8457 096 012 025
20 8457 096 012 049
64
a + c fully loaded
20 8457 096 012 026
20 8457 096 012 050
0.6 x 0.6 mm Post Profile
32
a + c even loading
20 8457 096 012 033
20 8457 096 012 057
19.4 mm (Y) Straight
32
a loading only
20 8457 096 012 027
20 8457 096 012 051
96
a + b + c fully loaded
20 8457 096 013 025
20 8457 096 013 049
64
a + c fully loaded
20 8457 096 013 026
20 8457 096 013 050
0.6 x 0.6 mm Post Profile
32
a + c even loading
20 8457 096 013 033
20 8457 096 013 057
4.5 mm (Y) Right Angled
32
a loading only
20 8457 096 013 027
20 8457 096 013 051
Female Style C
Series 8457 – 3 rows (3 x 32)
96 contacts,
rows a + b + c fully loaded
●●●●
●
c
●●●●
●
b
●●●●
●
a
64 contacts,
rows a + c fully loaded
●●●●
●
c
✕✕✕✕
✕
b
●●●●
●
a
32 contacts,
row a loading only
✕✕✕✕
✕
c
✕✕✕✕
✕
b
●●●●
●
a
32 contacts,
rows a + c even loading
✕●
✕●
✕
c
✕✕✕✕
✕
b
✕●
✕●
✕
a
NB: Alternative Prefix Variations Available: 22, 24, 25, 26 & 27, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
D
A EQ SP @ 2.54 [0.100] = B
C
A EQ SP @ 2.54 [0.100] = B
2.54
[0.100]
HOLE PATTERN
ROW A
ROW B
E
C
0.30
[0.012]
ROW B
ROW A
10.5
[0.413]
13.4
[0.528]
ROW C
8.46
[0.333]
10.5
[0.413]
11.58
[0.456]
ROW A
Y
5.08
[0.200]
KEYING
2.84
[0.112]
1.02
[0.040]
2.54
[0.100]
DIA.
DIA.
DIA.
1
No. Contact
Contact
Positions
Rows
A
B
C
D
E
96
3 (3 x 32)
31
78.74
89.99
94.89
84.91
(3.100)
(3.543)
(3.736)
(3.343)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com