Electronic Components Datasheet Search
  English  ▼

X  

S15VB40W Datasheet(PDF) 2 Page - Leshan Radio Company

Part # S15VB40W
Description  High Current Glass Passivated Molding Single-Phase Bridge Rectifier Reverse Voltage 100 to 1000V Forward Current 15.0 A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

S15VB40W Datasheet(HTML) 2 Page - Leshan Radio Company

  S15VB40W Datasheet HTML 1Page - Leshan Radio Company S15VB40W Datasheet HTML 2Page - Leshan Radio Company S15VB40W Datasheet HTML 3Page - Leshan Radio Company S15VB40W Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
3 
 
S15VB10W Thru S15VB100W
2.
Ratings and Characteristic Curves ( TA = 25°C unless otherwise noted )
Fig. 1 Derating Curve
Fig.2
Typical Reverse Characteristics
Temperature (℃)
Percent of Rated Peak Reverse Voltage%
Fig.3
Forward Voltage
Fig.4
Peak Surge Forward Capability
Forward Voltage VF
Number of Cycles



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com