Electronic Components Datasheet Search
  English  ▼

X  

BFG520X Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BFG520X
Description  isc Silicon NPN RF Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BFG520X Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BFG520X Datasheet HTML 1Page - Inchange Semiconductor Company Limited BFG520X Datasheet HTML 2Page - Inchange Semiconductor Company Limited BFG520X Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN RF Transistor
BFG520/X
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 1mA ; IB= 0
15
V
ICBO
Collector Cutoff Current
VCB= 8V; IE= 0
0.05
μ
A
hFE
DC Current Gain
IC=20mA ; VCE= 6V
60
250
fT
Current-Gain—Bandwidth Product
IC= 20mA ; VCE= 6V; f= 1MHz
9
GHz
Cre
Feedback Capacitance
IE= 0 ; VCB= 6V; f= 1MHz
0.3
pF
Ce
Emitter capacitance
IC=iC=0,VEB=0.5V,f=1MHz
1.0
pF
CC
Collector capacitance
IE=ie=0,VCB=6V,f=1MHz
0.6
pF
︱
S21︱2 Insertion Power Gain
IC= 40mA ; VCE= 8V; f= 900MHz
17
18
dB
NF
Noise Figure
IC= 5mA ; VCE= 6V; f= 900MHz
1.1
1.6
dB
IC= 20mA ; VCE= 6V; f= 900MHz
1.6
2.1
IC= 5mA ; VCE= 8V; f= 2GHz
1.9



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com