Electronic Components Datasheet Search
  English  ▼

X  

AD8038 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8038
Description  Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8038 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8038 Datasheet HTML 14Page - Analog Devices AD8038 Datasheet HTML 15Page - Analog Devices AD8038 Datasheet HTML 16Page - Analog Devices AD8038 Datasheet HTML 17Page - Analog Devices AD8038 Datasheet HTML 18Page - Analog Devices AD8038 Datasheet HTML 19Page - Analog Devices AD8038 Datasheet HTML 20Page - Analog Devices AD8038 Datasheet HTML 21Page - Analog Devices AD8038 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD5429/AD5439/AD5449
Rev. 0 | Page 18 of 32
ADDING GAIN
In applications in which the output voltage is required to be
greater than VIN, gain can be added with an additional external
amplifier, or it can be achieved in a single stage. Be sure to take
into consideration the effect of temperature coefficients of the
thin film resistors of the DAC. Simply placing a resistor in series
with the RFB resistor causes mismatches in the temperature
coefficients, resulting in larger gain temperature coefficient
errors. Instead, the circuit of Figure 41 is a recommended
method of increasing the gain of the circuit. R1, R2, and R3
should all have similar temperature coefficients, but they need
not match the temperature coefficients of the DAC. This
approach is recommended in circuits in which gains of > 1
are required.
DIVIDER OR PROGRAMMABLE GAIN ELEMENT
Current-steering DACs are very flexible and lend themselves to
many different applications. If this type of DAC is connected as
the feedback element of an op amp, and RFB is used as the input
resistor, as shown in Figure 42, then the output voltage is
inversely proportional to the digital input fraction D. For
D = 1 − 2n the output voltage is
()n
IN
IN
OUT
V
D
V
V
−
−
−
=
−
=
2
1
/
/
As D is reduced, the output voltage increases. For small values
of the digital fraction D, it is important to ensure that the
amplifier does not saturate and also that the required accuracy
is met. For example, an 8-bit DAC driven with the binary code
0 × 10 (00010000)—that is, 16 decimal—in the circuit of
Figure 42 should cause the output voltage to be 16 × VIN.
However, if the DAC has a linearity specification of ±0.5 LSB,
then D can, in fact, have a weight in the range 15.5/256 to
16.5/256, so that the possible output voltage is in the range
15.5 VIN to 16.5 VIN with an error of +3%, even though the DAC
itself has a maximum error of 0.2%.
DAC leakage current is also a potential error source in divider
circuits. The leakage current must be counterbalanced by an
opposite current supplied from the op amp through the DAC.
Because only a fraction D of the current into the VREF terminal
is routed to the IOUT1 terminal, the output voltage has to change
as follows:
Output Error Voltage Due to DAC Leakage = (Leakage × R)/D
where R is the DAC resistance at the VREF terminal. For a DAC
leakage current of 10 nA, R = 10 kΩ and a gain (that is, 1/D) of
16, the error voltage is 1.6 mV.
VDD
RFB
IOUT1
IOUT2
C1
GND
VDD
VREF
NOTES:
1. ADDITIONAL PINS OMITTED FOR CLARITY.
2. C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED
8-/10-/12-BIT
DAC
VIN
R2
R3
R2
VOUT
R1 =
R2R3
R2 + R3
GAIN =
R2 + R3
R2
IF A1 IS A HIGH SPEED AMPLIFIER.
Figure 41. Increasing Gain of Current Output DAC
VIN
NOTE:
1. ADDITIONAL PINS OMITTED FOR CLARITY.
VREF
VDD
VDD
RFB
IOUT1
IOUT2
GND
VOUT
Figure 42. Current-Steering DAC Used as a Divider
or Programmable Gain Element



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com