Electronic Components Datasheet Search
  English  ▼

X  

DSA17-18A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # DSA17-18A
Description  Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

DSA17-18A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  DSA17-18A Datasheet HTML 1Page - Inchange Semiconductor Company Limited DSA17-18A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
DSA17-18A
Rectifier Diode
FEATURES
·
International standard package,
JEDEC DO-203 AA (DO-4)
·
Anode on stud version
·
Designed and qualified for industrial and consumer level
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Supplies for DC power equipment
·
DC supply for PWM inverter
·
Field supply for DC motors
·
Battery DC power supplies
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
1800
V
IF(AV)
Average Forward Current
TC=125℃,
180° conduction, sine wave
25
A
IF(RMS)
RMS Forward Current
TVJ=TVJM
40
A
IFSM
Surge Forward Current
TVJ=45℃;t=10ms(50Hz),sine
370
A
VR=0; t=8.3ms(60Hz), sine
400
TVJ=TVJM;t=10ms(50Hz),sine
300
VR=0; t=8.3ms(60Hz), sine
320
TJ
Junction Temperature
-40~150
℃
Tstg
Storage Temperature Range
-40~150
℃


Similar Part No. - DSA17-18A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA17-18A IXYS-DSA17-18A Datasheet
37Kb / 2P
Rectifier Diode Avalanche Diode
logo
New Jersey Semi-Conduct...
DSA17-18A NJSEMI-DSA17-18A Datasheet
80Kb / 1P
Space and weight savings
More results

Similar Description - DSA17-18A

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR1107 POSEICO-AR1107 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR2009 POSEICO-AR2009 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR242 POSEICO-AR242 Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3007 POSEICO-AR3007 Datasheet
256Kb / 4P
RECTIFIER DIODE
AR447PC POSEICO-AR447PC Datasheet
352Kb / 4P
RECTIFIER DIODE
AR509PC POSEICO-AR509PC Datasheet
184Kb / 4P
RECTIFIER DIODE
AR772 POSEICO-AR772 Datasheet
238Kb / 4P
RECTIFIER DIODE
logo
Dynex Semiconductor
DS2106SY DYNEX-DS2106SY Datasheet
93Kb / 7P
Rectifier Diode
DS501ST DYNEX-DS501ST Datasheet
91Kb / 6P
Rectifier Diode
DS502ST DYNEX-DS502ST Datasheet
95Kb / 7P
Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com