Electronic Components Datasheet Search
  English  ▼

X  

LTP-747KA Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTP-747KA
Description  0.7INCH (17.22mm) DIGIT HEIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTP-747KA Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTP-747KA Datasheet HTML 1Page - Lite-On Technology Corporation LTP-747KA Datasheet HTML 2Page - Lite-On Technology Corporation LTP-747KA Datasheet HTML 3Page - Lite-On Technology Corporation LTP-747KA Datasheet HTML 4Page - Lite-On Technology Corporation LTP-747KA Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
  
 

  
 !"#



;-406-?-4.//.803.1-473

%
-0E#4?047<44-13-473
D

;-406-#4?047<44-13-473
-403.16.1-04#4 -473




-;-4/-)9306--473

)
8-403.16- 8-403<4-016-
3FC
3406-- 8-403<4-016-
3FC
97-4- 8-403<4-B.12,-9?-03.16901-4-217/03B
$%!"#

       
;-406-< .1</13-1/.3:

B 
µ27 G >B<3:
-0E .//.1%0;-9-163,
λ8
B
1
G 
8-23409.1-09 %.73,
∆λ
C
1
G 
 .1013%0;-9-163,
λ7
B
1
G 
#4?047)9306--473
)

B
)
G 
-;-4/-<44-13-473


µ)G)
< .1</13-1/.3:$032,.1603.


G >B<3:
3- < .1</ .13-1/.3: ./ -0/<4-7 ?.3, 0 9.6,3 /-1/4 017 .93-4 2 @.103.1 3,03
08845. 03-/3,-
./.113-4103.109--H290.406-!-:- 4-/81/-2<4;-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com