Electronic Components Datasheet Search
  English  ▼

X  

AD5065 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5065
Description  Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5065 Datasheet(HTML) 3 Page - Analog Devices

  AD5065 Datasheet HTML 1Page - Analog Devices AD5065 Datasheet HTML 2Page - Analog Devices AD5065 Datasheet HTML 3Page - Analog Devices AD5065 Datasheet HTML 4Page - Analog Devices AD5065 Datasheet HTML 5Page - Analog Devices AD5065 Datasheet HTML 6Page - Analog Devices AD5065 Datasheet HTML 7Page - Analog Devices AD5065 Datasheet HTML 8Page - Analog Devices AD5065 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Data Sheet
AD5025/AD5045/AD5065
Rev. A | Page 3 of 25
SPECIFICATIONS
VDD = 4.5 V to 5.5 V, RL = 5 kΩ to GND, CL = 200 pF to GND, 2.5 V ≤ VREFIN ≤ VDD, unless otherwise specified. All specifications TMIN to
TMAX, unless otherwise noted.
Table 2.
Parameter
B Grade1
A Grade1, 2
Unit
Conditions/Comments
Min
Typ
Max
Min
Typ
Max
STATIC PERFORMANCE3
Resolution
AD5065
16
16
Bits
AD5045
14
AD5025
12
Relative Accuracy
AD5065
±0.4
±1
±0.5
±4
LSB
TA = −40°C to +105°C
AD5065
+0.4
±2
±0.5
±4
TA = −40°C to +125°C
AD5045
±0.1
±0.5
LSB
TA = −40°C to +105°C
AD5045
±0.1
±1
TA = −40°C to +125°C
AD5025
±0.05
±0.25
LSB
TA = −40°C to +105°C
AD5025
±0.05
±0.5
TA = −40°C to +125°C
Differential Nonlinearity
±0.2
±1
±0.2
±1
LSB
Total Unadjusted Error
±0.2
±2.5
±0.2
±2.5
mV
VREF = 2.5 V; VDD = 5.5 V
Offset Error
±0.2
±1.8
±0.2
±1.8
mV
Code 512 (AD5065), Code 128 (AD5045),
Code 32 (AD5025) loaded to DAC register
Offset Error Drift4
±2
±2
µV/°C
Full-Scale Error
±0.01
±0.07
±0.01
±0.07
% FSR
All 1s loaded to DAC register, VREF < VDD
Gain Error
±0.005
±0.05
±0.005
±0.05
% FSR
Gain Temperature Coefficient4
±1
±1
ppm
Of FSR/°C
DC Crosstalk4
40
40
µV
Due to single channel full-scale output
change, RL = 5 kΩ to GND or VDD
40
40
µV/mA
Due to load current change
40
40
µV
Due to powering down (per channel)
OUTPUT CHARACTERISTICS4
Output Voltage Range
0
VDD
0
VDD
V
Capacitive Load Stability
1
1
nF
RL = 5 kΩ, RL = 100 kΩ, and RL = ∞
DC Output Impedance
Normal Mode
0.5
0.5
Ω
Power-Down Mode
Output Connected to
100 kΩ Network
100
100
kΩ
Output impedance tolerance ± 400 Ω
Output Connected to
1 kΩ Network
1
1
kΩ
Output impedance tolerance ± 20 Ω
Short-Circuit Current
60
60
mA
DAC = full scale, output shorted to GND
45
45
mA
DAC = zero-scale, output shorted to VDD
Power-Up Time
4.5
4.5
µs
Time to exit power-down mode to
normal mode of AD5024/AD5044/
AD5064, 32nd clock edge to 90% of DAC
midscale value, output unloaded
DC PSRR
−92
−92
dB
VDD ± 10%, DAC = full scale, VREF < VDD
REFERENCE INPUTS
Reference Input Range
2.2
VDD
2.2
VDD
V
Reference Current
35
50
35
50
µA
Per DAC channel
Reference Input Impedance
120
120
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com