Electronic Components Datasheet Search
  English  ▼

X  

AD5722 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5722
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5722 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5722 Datasheet HTML 23Page - Analog Devices AD5722 Datasheet HTML 24Page - Analog Devices AD5722 Datasheet HTML 25Page - Analog Devices AD5722 Datasheet HTML 26Page - Analog Devices AD5722 Datasheet HTML 27Page - Analog Devices AD5722 Datasheet HTML 28Page - Analog Devices AD5722 Datasheet HTML 29Page - Analog Devices AD5722 Datasheet HTML 30Page - Analog Devices AD5722 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Data Sheet
AD5722/AD5732/AD5752
Rev. F | Page 29 of 31
REFIN line because any unwanted signals can couple through
to the DAC outputs.
Avoid crossover of digital and analog signals. Traces on
opposite sides of the board should run at right angles to each
other. This reduces the effects of feedthrough on the board. A
microstrip technique is by far the best method, but it is not
always possible with a double-sided board. In this technique,
the component side of the board is dedicated to a ground plane,
and signal traces are placed on the solder side.
GALVANICALLY ISOLATED INTERFACE
In many process control applications, it is necessary to provide
an isolation barrier between the controller and the unit being
controlled to protect and isolate the controlling circuitry from
any hazardous common-mode voltages that may occur. The
i
Coupler® family of products from Analog Devices, Inc., provides
voltage isolation in excess of 2.5 kV. The serial loading structure
of the AD5722/AD5732/AD5752 makes them ideal for isolated
interfaces because the number of interface lines is kept to a
minimum. Figure 45 shows a 4-channel isolated interface to the
AD5722/AD5732/AD5752 using an ADuM1400. For further
information, visit www.analog.com/iCouplers.
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
VIA
VIB
VIC
VID
VOA
VOB
VOC
VOD
ENCODE
DECODE
ADuM1400*
MICROCONTROLLER
SERIAL CLOCK OUT
SERIAL DATA OUT
SYNC OUT
CONTROL OUT
TO SCLK
TO SDIN
TO SYNC
TO LDAC
*ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 45. Isolated Interface
VOLTAGE REFERENCE SELECTION
To achieve optimum performance from the AD5722/AD5732/
AD5752 over their full operating temperature range, a precision
voltage reference must be used. Thought should be given to the
selection of a precision voltage reference. The voltage applied to
the reference inputs is used to provide a buffered positive and
negative reference for the DAC cores. Therefore, any error in
the voltage reference is reflected in the outputs of the device.
There are four possible sources of error to consider when
choosing a voltage reference for high accuracy applications:
initial accuracy, temperature coefficient of the output voltage,
long-term drift, and output voltage noise.
Initial accuracy error on the output voltage of an external
reference can lead to a full-scale error in the DAC. To
minimize these errors, a reference with low initial accuracy
error specification is preferred. Choosing a reference with
an output trim adjustment, such as the ADR421, allows a
system designer to trim out system errors by setting the
reference voltage to a voltage other than the nominal. The
trim adjustment can also be used to trim out temperature-
induced errors.
The temperature coefficient of a reference output voltage
affects INL, DNL, and TUE. A reference with a tight
temperature coefficient specification should be chosen to
reduce the dependence of the DAC output voltage on
ambient conditions.
Long-term drift is a measure of how much the reference
output voltage drifts over time. A reference with a tight
long-term drift specification ensures that the overall
solution remains relatively stable over its entire lifetime.
Reference output voltage noise needs to be considered in
high accuracy applications that have relatively low noise
budgets. It is important to choose a reference with as low
an output noise voltage as practical for the required system
resolution. Precision voltage references such as the ADR431
(XFET® design) produce low output noise in the 0.1 Hz to
10 Hz range. However, as the circuit bandwidth increases,
filtering the output of the reference may be required to
minimize the output noise.
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5722/AD5732/AD5752 is
via a serial bus that uses a standard protocol compatible with
microcontrollers and DSP processors. The communications
channel is a 3-wire (minimum) interface consisting of a clock
signal, a data signal, and a synchronization signal. The AD5722/
AD5732/AD5752 require a 24-bit data-word with data valid on
the falling edge of SCLK.
For all interfaces, the DAC output update can be initiated
automatically when all the data is clocked in, or it can be
performed under the control of LDAC. The contents of the
registers can be read using the readback function.
AD5722/AD5732/AD5752 to Blackfin® DSP Interface
Figure 46 shows how the AD5722/AD5732/AD5752 can be
interfaced to the Analog Devices Blackfin DSP. The Blackfin has
an integrated SPI port that can be connected directly to the SPI
pins of the AD5722/AD5732/AD5752 and the programmable
I/O pins that can be used to set the state of a digital input such
as the LDAC pin.
SYNC
ADSP-BF531
AD5722/
AD5732/
AD5752
SCLK
SDIN
SPISELx
SCK
MOSI
LDAC
PF10
Figure 46. AD5722/AD5732/AD5752 to Blackfin Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com