Electronic Components Datasheet Search
  English  ▼

X  

AD5752AREZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD5752AREZ
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752AREZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5752AREZ Datasheet HTML 23Page - Analog Devices AD5752AREZ Datasheet HTML 24Page - Analog Devices AD5752AREZ Datasheet HTML 25Page - Analog Devices AD5752AREZ Datasheet HTML 26Page - Analog Devices AD5752AREZ Datasheet HTML 27Page - Analog Devices AD5752AREZ Datasheet HTML 28Page - Analog Devices AD5752AREZ Datasheet HTML 29Page - Analog Devices AD5752AREZ Datasheet HTML 30Page - Analog Devices AD5752AREZ Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
Data Sheet
AD5722/AD5732/AD5752
Rev. F | Page 27 of 31
DESIGN FEATURES
ANALOG OUTPUT CONTROL
In many industrial process control applications, it is vital that
the output voltage be controlled during power-up. When the
supply voltages change during power-up, the VOUTx pins are
clamped to 0 V via a low impedance path (approximately 4 kΩ).
To prevent the output amplifiers from being shorted to 0 V
during this time, Transmission Gate G1 is also opened (see
Figure 42). These conditions are maintained until the analog
power supplies have stabilized and a valid word is written to a
DAC register. At this time, G2 opens and G1 closes.
VOUTA
G1
G2
VOLTAGE
MONITOR
AND
CONTROL
Figure 42. Analog Output Control Circuitry
POWER-DOWN MODE
Each DAC channel of the AD5722/AD5732/AD5752 can be
individually powered down. By default, all channels are in
power-down mode. The power status is controlled by the power
control register (see Table 26 and Table 27 for details). When a
channel is in power-down mode, its output pin is clamped to
ground through a resistance of approximately 4 kΩ, and the
output of the amplifier is disconnected from the output pin.
OVERCURRENT PROTECTION
Each DAC channel of the AD5722/AD5732/AD5752 incorporates
individual overcurrent protection. The user has two options for
the configuration of the overcurrent protection: constant current
clamp or automatic channel power-down. The configuration of
the overcurrent protection is selected via the clamp enable bit in
the control register.
Constant Current Clamp (Clamp Enable = 1)
If a short circuit occurs in this configuration, the current is
clamped at 20 mA. This event is signaled to the user by the
setting of the appropriate overcurrent (OCX) bit in the power
control register. Upon removal of the short-circuit fault, the
OCX bit is cleared.
Automatic Channel Power-Down (Clamp Enable = 0)
If a short circuit occurs in this configuration, the shorted channel
powers down and its output is clamped to ground via a resistance
of approximately 4 kΩ. At this time, the output of the amplifier
is disconnected from the output pin. The short-circuit event is
signaled to the user via the overcurrent (OCX) bits, and the
power-up (PUX) bits indicate which DACs have powered down.
After the fault is rectified, the channels can be powered up again
by setting the PUX bits.
THERMAL SHUTDOWN
The AD5722/AD5732/AD5752 incorporate a thermal shutdown
feature that automatically shuts down the device if the core
temperature exceeds approximately 150°C. The thermal shutdown
feature is disabled by default and can be enabled via the TSD
enable bit of the control register. In the event of a thermal
shutdown, the TSD bit of the power control register is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com