Electronic Components Datasheet Search
  English  ▼

X  

NSSW129T Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NSSW129T
Description  WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSW129T Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NSSW129T Datasheet HTML 1Page - NICHIA CORPORATION NSSW129T Datasheet HTML 2Page - NICHIA CORPORATION NSSW129T Datasheet HTML 3Page - NICHIA CORPORATION NSSW129T Datasheet HTML 4Page - NICHIA CORPORATION NSSW129T Datasheet HTML 5Page - NICHIA CORPORATION NSSW129T Datasheet HTML 6Page - NICHIA CORPORATION NSSW129T Datasheet HTML 7Page - NICHIA CORPORATION NSSW129T Datasheet HTML 8Page - NICHIA CORPORATION NSSW129T Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NICHIA STS-DA1-2364A <Cat.No.141201>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
50
mA
Pulse Forward Current
IFP
200
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
165
mW
Operating Temperature
Topr
-40~110
°C
Storage Temperature
Tstg
-40~110
°C
Junction Temperature
TJ
125
°C
* Absolute Maximum Ratings at TA=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Unit
Forward Voltage
VF
IF=30mA
2.9
V
IF=30mA
3.3
Luminous Intensity
Iv
IF=20mA
2.2
cd
x
-
IF=30mA
0.31
-
Chromaticity Coordinate
y
-
IF=30mA
0.32
-
Thermal Resistance
RθJS
-
150
°C/W
Thermal Resistance
RθJA
-
330
°C/W
* Characteristics at TA=25°C.
* Luminous Intensity value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* RθJS is Thermal Resistance from junction to TS measuring point.
* RθJA is Thermal Resistance from junction to ambient Test board: FR4 board thickness=1.6mm, copper layer thickness=35µm .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com