Electronic Components Datasheet Search
  English  ▼

X  

EB212 Datasheet(PDF) 5 Page - Motorola, Inc

Part # EB212
Description  Using Data Sheet Impedances for RF LDMOS Devices
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB212 Datasheet(HTML) 5 Page - Motorola, Inc

  EB212 Datasheet HTML 1Page - Motorola, Inc EB212 Datasheet HTML 2Page - Motorola, Inc EB212 Datasheet HTML 3Page - Motorola, Inc EB212 Datasheet HTML 4Page - Motorola, Inc EB212 Datasheet HTML 5Page - Motorola, Inc EB212 Datasheet HTML 6Page - Motorola, Inc EB212 Datasheet HTML 7Page - Motorola, Inc EB212 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EB212
5
MOTOROLA SEMICONDUCTOR APPLICATION INFORMATION
f
MHz
Zsource
Ω
Zload
Ω
2110
2140
2170
2.65 + j1.52
2.64 + j2.04
2.71 + j1.80
2.45 + j2.08
2.39 + j2.51
2.16 + j3.14
Zsource = Test circuit impedance as measured from
gate to gate, balanced configuration.
Zload
= Test circuit impedance as measured
from drain to drain, balanced configuration.
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
−
−+
+
Figure 9. Data Sheet Representation of the
MRF21180 Push-Pull Device
!
S11 (input) file
!
Circuit
: MRF21180
!
Author
: John Q. Designer
!
Date
: 01/01/2003
!
File
: mrf21180_zin.s1p
!
!
File Format:
#
MHz
Z
RE
IM
!
!
2110
2.45
-2.08
2140
2.39
-2.51
2170
2.16
-3.14
!
!
End of File
Figure 10. S2P File of Impedances to Be Used
at Input Block
S11 < −30 dB
50
Ω
Z (Device)
Z*Data Sheet
Balun
n:1
Matching
Network
Matching
Network
+
−
MSTEP
a
b
MSTEP
a
b
Figure 11. Generalized Schematic Used to Optimize Matching Network
PUSH–PULL DEVICES
The methods for taking impedance data on fixtures for
push -pull parts are similar to those for single-ended parts.
The representation for push-pull device impedances is shown
in Figure 9.
Push-pull device impedance data should be presented in
a data storage device, such as the one shown in Figure 10.
Note: The imaginary portion of the measured impedance
data has been conjugated from the data shown in Figure 9, the
same process as for the single-ended devices.
The methods for optimizing first-pass input and output side
matching networks for push–pull devices are the same as for
single -ended devices.
The circuit shown in Figure 11 is a generic matching circuit
that is used for an optimization of a first-pass input side
matching network. The balun shown in Figure 11 is an
idealized three-port device with a generic input/output
impedance ratio of n:1.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com