Electronic Components Datasheet Search
  English  ▼

X  

MXR Datasheet(PDF) 2 Page - Hirose Electric

Part # MXR
Description  Miniature push-pull connectors with ground function
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MXR Datasheet(HTML) 2 Page - Hirose Electric

  MXR Datasheet HTML 1Page - Hirose Electric MXR Datasheet HTML 2Page - Hirose Electric MXR Datasheet HTML 3Page - Hirose Electric MXR Datasheet HTML 4Page - Hirose Electric MXR Datasheet HTML 5Page - Hirose Electric MXR Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
MXR Series
● Miniature push-pull connectors with ground function
Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
MXR - 8 P A - 3 P B (**)
❶
❷❸❹
❺
❻
❼
❽
qSeries name : MXR Series
wShell size : Indicates the outer shell diameter at the mating end.
eShell classification : Classified as follows
P : Plug
R : Receptacle
rShell modification : The letters A, B, C, D, E, etc. indicate modifications of the shell form.
tPin arrangement : Indicated by the number of pins
yPin form : Classified as follows
P : Male contacts
S : Female contacts
uPin modification : The letters A, B, C, D, E, etc. indicate modifications of the pin form.
iSpecial specifications : A two-digit number is added to indicate other specifications, such as (01), (02), (03)...
Receptacle (Secured with hex nut for mounting)
Part No.
HRS No.
Weight
A
Remarks
MXR-8RA-3S(71)
127-0121-2 71
3.5g
19.3
----------------
MXR-8RA-4S(71)
127-0122-5 71
----------------
MXR-8RA-6S(71)
127-0123-8 71
----------------
MXR-8RA-8S(71)
127-0124-0 71
20.4
----------------
MXR-8RA-8S(71)
Solder termination
(Representative shape example)
3
2 1
A
19
9
Panel
Guide
Plug
Part No
HRS No.
A
ØB
Weight
Bushing
Remarks
MXR-8PA-3PB(71)
127-0003-6 71
47
5
8g
Black
Sequenced construction
MXR-8PA-4PB(71)
127-0004-9 71
MXR-8PA-6PB(71)
127-0005-1 71
MXR-8P-8P(31)
127-0002-3 31
50
8
9g
----------------
MXR-8P-8P(72)
127-0002-3 72
White
----------------
Note : Cable pull force, twisting strength and other characteristics may differ, depending on cable specifications and structure.
Please evaluate under the actual conditions prior the use.
MXR-8P-8P(31)
3
1 2
A
(Representative shape example)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com