| Electronic Components Datasheet Search |
|
2SA2102 Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
2SA2102 Datasheet(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 2 page ![]() Power Transistors 1 Publication date: November 2002 SJD00296AED 2SA2102 Silicon PNP epitaxial planar type Power supply for Audio & Visual equipments such as TVs and VCRs Industrial equipments such as DC-DC converters ■ Features • High-speed switching (t stg: storage time/tf: fall time is short) • Low collector-emitter saturation voltage V CE(sat) • Superior forward current transfer ratio h FE linearity • TO-220D built-in: Excellent package with withstand voltage 5 kV guaranteed ■ Absolute Maximum Ratings T C = 25°C ■ Electrical Characteristics T C = 25°C ± 3°C 1.4±0.2 1.6±0.2 0.8±0.1 0.55±0.15 2.54±0.30 5.08±0.50 12 3 2.6±0.1 2.9±0.2 4.6±0.2 φ 3.2±0.1 9.9±0.3 Unit: mm 1: Base 2: Collector 3: Emitter TO-220D-A1 Package Parameter Symbol Conditions Min Typ Max Unit Collector-emitter voltage (Base open) VCEO IC = −10 mA, IB = 0 −60 V Collector-base cutoff current (Emitter open) ICBO VCB = −60 V, IE = 0 −100 µA Collector-emitter cutoff current (Base open) ICEO VCE = −60 V, I B = 0 −100 µA Forward current transfer ratio hFE1 VCE = −4 V, IC = − 0.2 A 60 hFE2 VCE = −4 V, IC = −1 A 80 250 hFE3 VCE = −4 V, I C = −3 A 30 Collector-emitter saturation voltage VCE(sat) IC = −3 A, IB = − 0.375 A − 0.8 V Transition frequency fT VCE = 10 V, IC = − 0.1 A, f = 10 MHz 100 MHz Turn-on time ton IC = −1 A, Resistance loaded 0.2 µs Storage time tstg IB1 = − 0.1 A, IB2 = 0.1 A 0.4 µs Fall time tf VCC = −50 V 0.1 µs Internal Connection B C E Marking Symbol: A2102 Parameter Symbol Rating Unit Collector-base voltage (Emitter open) VCBO −60 V Collector-emitter voltage (Base open) VCEO −60 V Emitter-base voltage (Collector open) VEBO −6V Collector current IC −3A Peak collector current ICP −5A Collector power TC = 25°CPC 15 W dissipation Ta = 25°C2 Junction temperature Tj 150 °C Storage temperature Tstg −55 to +150 °C Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. |
Similar Part No. - 2SA2102 |
|
Similar Description - 2SA2102 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |