Electronic Components Datasheet Search
  English  ▼

X  

M4565 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # M4565
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M4565 Datasheet(HTML) 3 Page - Unisonic Technologies

  M4565 Datasheet HTML 1Page - Unisonic Technologies M4565 Datasheet HTML 2Page - Unisonic Technologies M4565 Datasheet HTML 3Page - Unisonic Technologies M4565 Datasheet HTML 4Page - Unisonic Technologies M4565 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M4565
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 4
www.unisonic.com.tw
QW-R105-022.B
ABSOLU T E M AX I M U M RAT I N GS (TA=25C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+/V-
±18
V
Differential Input Voltage
VID
±30
V
Input Voltage
VIC
±15 (Note)
V
DIP-8
500
mW
SOP-8
300
mW
Power Dissipation
TSSOP-8
PD
250
mW
Operating Temperature Range
TOPR
-20 ~ +75
C
Storage Temperature Range
TSTG
-40 ~ +125
C
Note: For supply voltage less than ±15V,the absolute maximum input voltage is equal to the supply voltage.
ELECT RI CAL CH ARACT ERI ST I CS (TA=25C, V+/V-=±15V)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Input Offset Voltage
VI(OFF)
RS
≤10kΩ
0.5
3.0
mV
Input Offset Current
II(OFF)
2
50
nA
Input Bias Current
II(BIAS)
50
200
nA
Input Resistance
RIN
0.3
5
M
Ω
Large Signal Voltage Gain
Gv
RL
≥2kΩ, VOUT=±10V
86
100
dB
Maximum Output Voltage Swing 1
VO(SW1)
RL
≥2kΩ
±12
±14
V
Maximum Output Voltage Swing 2
VO(SW2)
IOUT=25mA
±10
±11.5
V
Input Common Mode Voltage Range
VI(CM)
±12
±14
V
Common Mode Rejection Ratio
CMRR
RS
≤10kΩ
70
90
dB
Supply Voltage Rejection Ratio
SVR
RS
≤10kΩ
76.5
90
dB
Operating Current
ICC
4.5
7
mA
Slew Rate
SR
4
V/
μs
Gain Bandwidth Product
GBW
10
MHz
Equivalent Input Noise Voltage
eN
RIAA, RS=2.2k
Ω, 30kHz LPF
1.2
μVrms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com