Electronic Components Datasheet Search
  English  ▼

X  

2095992 Datasheet(PDF) 2 Page - SICK AG

Part # 2095992
Description  Plug connector cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

2095992 Datasheet(HTML) 2 Page - SICK AG

  2095992 Datasheet HTML 1Page - SICK AG 2095992 Datasheet HTML 2Page - SICK AG 2095992 Datasheet HTML 3Page - SICK AG 2095992 Datasheet HTML 4Page - SICK AG 2095992 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
YF2A13-010UB1M2A13
Ordering information
Type
Part no.
YF2A13-010UB1M2A13
2095992
Other models and accessories
www.sick.com/
CYJV
Cable Assembly
Detailed technical data
Technical specifications
Accessory group
Plug connectors and cables
Accessory family
Connection cables
Connection type head A
Female connector, M12, 3-pin, straight, A-coded
Connection type head B
Male connector, M12, 3-pin, straight, A-coded
Locking plug connector
Screw connection
Connector material
TPU
Connector color
Black
Locking nut material
Zinc die-cast, nickel-plated
Seal material
FKM
Tightening torque
0.6 Nm
Width across flats
13
Cable
1 m, 3-wire, PUR, halogen-free
Jacket material
PUR, halogen-free
Jacket color
Black
Cable diameter
4.1 mm
Conductor cross-section
0.34 mm²
Shielding
Unshielded
Bending radius
Flexible use > 10 x cable diameter
Stationary position > 5 x cable diameter
Drag chain operation > 10 x cable diameter
Bending cycles
5,000,000
Reference voltage
≤ 250 V DC
Rated impulse voltage
2.5 kV
Current loading
4 A
Traversing speed
3.3 m/s
Travelling distance
5 m
Acceleration
≤ 5 m/s²
Signal type
Sensor/actuator cable
Torsion force
180° / 1 m
2
| SICK
Online data sheet | 2018-11-27 23:39:06
Subject to change without notice



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com