Electronic Components Datasheet Search
  English  ▼

X  

2SB0946 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SB0946
Description  For Power Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB0946 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SB0946 Datasheet HTML 1Page - Panasonic Semiconductor 2SB0946 Datasheet HTML 2Page - Panasonic Semiconductor 2SB0946 Datasheet HTML 3Page - Panasonic Semiconductor 2SB0946 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB0946
2
SJD00025BED
VBE(sat)  IC
hFE  IC
fT  IC
PC  Ta
IC  VCE
VCE(sat)  IC
Cob  VCB
ton, tstg, tf  IC
Safe operation area
0
160
40
120
80
0
10
20
30
40
50
(1)TC=Ta
(2)With a 100
×100×2mm
Al heat sink
(3)With a 50
×50×2mm
Al heat sink
(4)Without heat sink
(PC=2W)
(1)
(4)
(3)
(2)
Ambient temperature T
a (°C)
0
−2
−4
−6
−10
−8
0
−10
−2
−4
−8
−6
TC=25˚C
IB=–120mA
–110mA
–100mA
–80mA
–90mA
–70mA
–60mA
–40mA
–30mA
–20mA
–10mA
Collector-emitter voltage V
CE (V)
− 0.01
− 0.1
− 0.1
−1
−10
−100
−1
−10
−100
IC/IB=20
25˚C
TC=100˚C
–25˚C
Collector current I
C (A)
− 0.01
− 0.01
− 0.1
−1
−10
−100
− 0.1
−1
−10
IC/IB=20
TC=–25˚C
25˚C
100˚C
Collector current I
C (A)
− 0.1
−1
−10
−100
1
10
Collector current I
C (A)
102
104
103
VCE=–2V
TC=100˚C
25˚C
–25˚C
− 0.01
− 0.1
−1
−10
1
10
102
104
103
VCE=–10V
f=10MHz
TC=25˚C
Collector current I
C (A)
− 0.1
−1
−10
−100
1
10
102
103
104
Collector-base voltage V
CB (V)
IE=0
f=1MHz
TC=25˚C
0
0.01
0.1
1
10
100
−8
−2
−6
−4
Collector current I
C (A)
tstg
ton
tf
Pulsed tw=1ms
Duty cycle=1%
IC/IB=10
(–IB1=IB2)
VCC=–50V
TC=25˚C
Collector-emitter voltage V
CE (V)
–0.01
−1
− 0.1
−1
−10
−100
−10
−100
−1000
t=1ms
t=10ms
t=0.5ms
ICP
IC
Non repetitive pulse
TC=25˚C
DC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com