Electronic Components Datasheet Search
  English  ▼

X  

IC-DXC3 Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-DXC3
Description  DIGITAL SENSOR I/O DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DXC3 Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-DXC3 Datasheet HTML 4Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 5Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 6Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 7Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 8Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 9Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 10Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 11Page - IC-Haus GmbH IC-DXC3 Datasheet HTML 12Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
prel
imin
ary
prel
imin
ary
iC-DXC3
DIGITAL SENSOR I/O DRIVER
Rev B2, Page 9/12
CIRCUIT PROTECTION
The iC-DXC3 is reverse polarity protected via internal
circuitry. As far as the maximum voltage ratings are not
exceeded, no possible supply combination at the line
side pins (VB, GND and OUT) can damage the chip.
Since the chip current consumption is relatively low,
discharging of the backup capacitor C1 can be very
slow, and injected charge through disturbances may
in general result in capacitor voltage exceeding maxi-
mum ratings, leading to malfunction or destruction of
circuitry and associated parts. Thus EMC requirements
will afford more external circuitry. Figure 7 shows the
iC-DXC3 with the additional protective device D1, D2
and D3.
3
3
4
5
6
7
8
C1
C2
1nF
36V
Low Side Switch
36V
High Side Switch
DIGITAL INPUT
VREF
REG
&
<150 C
&
iC-DXC3
FILT
8
4
5
6
7
2
1
1
100nF..
C3
1μF
EPAD
2
PSD36
D1
+
-
=1
+
++
-
D3
PSD36
OUT
3.3V
NIN
GND
VB
VOUT
OE
VRL
VRH
CFO
MON
PSD36
D2
D1
PSD36
D2
PSD36
PSD36
D3
=1
Figure 7: Circuit schematic showing protective devices
For over-voltage protection, the suppressor diodes
D1,D2 and D3 absorbs transients on supply line in-
jected externally on the cable. Clamp voltage of the
diodes should be rated slightly above maximum speci-
fied supply voltage.
These currents can be passed to ground or to VB by
the internal ESD diodes of the iC-DXC3. Whereas
negative current injection will simply be drained off to
ground, positive current injection will charge capacitor
C1 further to higher voltages. If not suppressor diodes
nor any other over-voltage protection is implemented,
the backup capacitor C1 should be kept small. A typical
100nF value is normally OK.
Suggested protective devices
At VBmax of 36V, suppressor diodes with a breakdown
voltage from 36V has to be chosen in order to minimize
the energy in iC-DXC3 for higher Voltages. For exam-
ple Diode type like Vishay GSOT36C or PJSD36W from
Panjit should be enough as protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com