Electronic Components Datasheet Search
  English  ▼

X  

IC-HTG Datasheet(PDF) 33 Page - IC-Haus GmbH

Part # IC-HTG
Description  POWER CW LASER DIODE DRIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTG Datasheet(HTML) 33 Page - IC-Haus GmbH

Back Button IC-HTG Datasheet HTML 29Page - IC-Haus GmbH IC-HTG Datasheet HTML 30Page - IC-Haus GmbH IC-HTG Datasheet HTML 31Page - IC-Haus GmbH IC-HTG Datasheet HTML 32Page - IC-Haus GmbH IC-HTG Datasheet HTML 33Page - IC-Haus GmbH IC-HTG Datasheet HTML 34Page - IC-Haus GmbH IC-HTG Datasheet HTML 35Page - IC-Haus GmbH IC-HTG Datasheet HTML 36Page - IC-Haus GmbH IC-HTG Datasheet HTML 37Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-HTG
POWER CW LASER DIODE DRIVER
Rev A1, Page 33/40
Channel configuration registers
EACC
Addr. 0x10; bit 0
R/W 0
0
APC mode enabled (laser power control)
1
ACC mode enabled (laser current control)
Table 59: Select APC or ACC
ENAD
Addr. 0x10; bit 1
R/W 0
0
AD Converter disabled
1
AD Converter enabled, source selected with ADCC
Table 60: Enable ADC
DISP
Addr. 0x10; bit 2
R/W 0
0
PLR enabled
1
PLR disabled
Table 61: Enable/disable PLR
DISC
Addr. 0x10; bit 3
R/W 1
0
Channel can be enabled by pin EC
1
Channel cannot be enabled by pin EC
Table 62: Disable channel
EOC
Addr. 0x10; bit 4
R/W 1
0
Regulator offset compensation disabled
1
Regulator offset compensation enabled
Table 63: Enable offset compensation
ADCC(2:0)
Addr. 0x10; bit 7:5
R/W 000
000
ADC sourced by V(VDD) ÷ 8 (3V .. 5.5V)
001
ADC sourced by V(VBL) ÷ 30 (3V .. 24V)
010
ADC sourced by V(VB) ÷ 30 (3V .. 24V)
011
ADC sourced by V(MDL) (0V .. 1.1V)
100
ADC sourced by V(MC) (0V .. 1.1V)
101
ADC sourced by V(VRN) ÷ 30 (0V .. 24V)
110
ADC sourced by V(VRP) ÷ 30 (0V .. 24V)
111
ADC sourced by V(ANIN) (0V .. 1.1V)
Table 64: ADC source selection
ILIM(7:0)
Addr. 0x11; bit 7:0
R/W 0x00
0x00
Overcurrent detection disconnected.
0x01
Minimum value of V(MCH)-V(MCL) set to minimum
value typ. (0.1V/CGAIN)
. . .
0xFF
Maximum value of V(MCH)-V(MCL) set to maximum
value typ. (1.1V/CGAIN)
Table 65: ILIM overcurrent register
RMD(7:0)
Addr. 0x12; bit 7:0
R/W 0xFF
0x00
PLR set to the minimum resistance
. . .
PLR set to
Rmd = Rmd0(1 +
∆
Rmd(%)
100
)n+1, n from 0 to 255
0xFF
PLR resistor set to the maximum resistance
Table 66: MR-MD resistance selection
REF(9:8)
Addr. 0x13; bit 1:0
R/W 0x000
REF(7:0)
Addr. 0x14; bit 7:0
R/W 0x000
0x000
Regulator reference voltage set to minimum voltage
. . .
Regulator reference voltage set to
Vref = Vref0(1 +
∆
Vref (%)
100
)n+1, n from 0 to 1023
0x3FF
Regulator reference voltage set to maximum voltage
Table 67: Channel regulator voltage reference
MCVR
Addr. 0x13; bit 2
R/W 0
0
MCx Voltage Range is 0 to 5V
1
MCx Voltage Range is VBL-5V to VBL
Table 68: MCx voltage range
ENAM
Addr. 0x13; bit 3
R/W 0
0
Analog modulation disabled
1
Analog modulation enabled
Table 69: Enable analog modulation
NSW
Addr. 0x13; bit 6
R/W 1
0
Inverted regulation mode (reference connected to
regulator’s negative input)
1
Standard regulation mode (reference connected to
regulator’s positive input)
Table 70: CI regulator reference Swap
EPNNP
Addr. 0x13; bit 7
R/W 0
0
N-type laser
1
P-type laser
Table 71: Enable P-laser or N-laser type
RDCO(5:0)
Addr. 0x15; bit 5:0
R/W 0x00
0x00
No current
. . .
0x3F
130 µA Typ (see spec point D01)
Table 72: DCO current control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com