Electronic Components Datasheet Search
  English  ▼

X  

IC-LFH Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-LFH
Description  HIGH-RESOLUTION LINEAR IMAGE SENSORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LFH Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-LFH Datasheet HTML 1Page - IC-Haus GmbH IC-LFH Datasheet HTML 2Page - IC-Haus GmbH IC-LFH Datasheet HTML 3Page - IC-Haus GmbH IC-LFH Datasheet HTML 4Page - IC-Haus GmbH IC-LFH Datasheet HTML 5Page - IC-Haus GmbH IC-LFH Datasheet HTML 6Page - IC-Haus GmbH IC-LFH Datasheet HTML 7Page - IC-Haus GmbH IC-LFH Datasheet HTML 8Page - IC-Haus GmbH IC-LFH Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
preliminary
preliminary
iC-LFH Series
HIGH-RESOLUTION LINEAR IMAGE SENSORS
Rev B1, Page 4/14
PIN CONFIGURATION LFH5C
dra_lfh5c-lfh1024_z_pack_3c, 5:1
1
2 3 4 5 6 7
8
9
14 13 12 11 10
PIN FUNCTIONS
No. Name Function
1 RES0 Select Resolution Bit 0
2 RES1 Select Resolution Bit 1
3 VDD
Digital Supply +5 V
4 GND
Digital Ground
5 ETP
Enable Test Mode*
6 SI
Start of Integration
7 CLK
Clock
8 BNA
Select Binning/Averaging
9 ESH
Enable Shutter
10 NRES Power-Down Reset Output (low active)
11 GNDA Analog Ground
12 VDDA Analog Supply +5 V
13 VAO
Pixel Output Supply Voltage
14 AO
Analog Pixel Output
*ETP must be connected to GND/GNDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com