Electronic Components Datasheet Search
  English  ▼

X  

IC-MNF Datasheet(PDF) 21 Page - IC-Haus GmbH

Part # IC-MNF
Description  26-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 14-BIT Sin/D INTERPOLATION
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MNF Datasheet(HTML) 21 Page - IC-Haus GmbH

Back Button IC-MNF Datasheet HTML 17Page - IC-Haus GmbH IC-MNF Datasheet HTML 18Page - IC-Haus GmbH IC-MNF Datasheet HTML 19Page - IC-Haus GmbH IC-MNF Datasheet HTML 20Page - IC-Haus GmbH IC-MNF Datasheet HTML 21Page - IC-Haus GmbH IC-MNF Datasheet HTML 22Page - IC-Haus GmbH IC-MNF Datasheet HTML 23Page - IC-Haus GmbH IC-MNF Datasheet HTML 24Page - IC-Haus GmbH IC-MNF Datasheet HTML 25Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
preliminary
preliminary
iC-MNF 26-BIT NONIUS ENCODER
WITH 3-CH. SAMPLING 14-BIT Sin/D INTERPOLATION
Rev A2, Page 21/104
MT Interface
MODE_MT: MT Interface Operation Mode (p. 71)
DL_EXT_MT:
MT Data Length (p. 72)
SBL_MT:
MT Synch. Bit Length (p. 72)
CHK_MT:
Period Counter Verification (p. 73)
ROT_MT:
Inversion of Code Direction External
Multiturn (p. 71)
SPO_MT:
Offset External Multiturn (p. 72)
SLOW_MT: Reduction of I/O Clock Frequency
External Multiturn (p. 71)
WI2C_MT:
Delay Start of External MT Check In
Case Of Ongoing I2C Communication
(p. 73)
Preset Function
OFFS_ST:
Position Offset for ST Data Output
(p. 62)
PRES_ST:
Preset Value for ST Data Output (p. 62)
OFFS_MT:
Position Offset for MT Data Output
(p. 63)
PRES_MT:
Preset Value for MT Data Output (p. 63)
PRES_MODE:
Preset Mode (p. 91)
FPRES_MT:
Force MT Preset (p. 91)
Configurable I/O Pins
RES_MODE:
Configurable Modes for RES Pin (p. 93)
NENDIR_P: Disable DIR Pin (p. 44)
PRES_CONF:
Configurable Commands to Pin PRES
(p. 94)
EP1_IO:
Pin EP1: Input/Output (p. 87)
EP1_HL:
Pin EP1: Polarity (p. 88)
EP2_IO:
Pin EP2: Input/Output (p. 87)
EP2_HL:
Pin EP2: Polarity (p. 88)
EEPROM Interface
FAST_I2C:
I2C Fast Mode (p. 39)
CRC_CFG:
Configuration Data Check Sum Config
(p. 40)
CRC_OFF:
Offset Data Check Sum Offset (p. 40)
CRC_PRES:
Preset Data Check Sum Preset (p. 40)
PROT_E2P: Register Access Control (p. 60)
BiSS/Profile-ID
DEV_ID:
BiSS Device ID (p. 27)
MFG_ID:
BiSS Manufacturer ID (p. 27)
EDS:
EDSBANK configuration (p. 27)
EDSBANK:
BiSS EDSBANK (p. 27)
PRO_ID0:
BiSS Profile ID Position Data Channel
(p. 27)
PRO_ID1:
BiSS Profile ID Temperature Data
Channel (p. 27)
SER_NO:
BiSS Serial Number (p. 27)
PROT_INS: Disable BiSS commands 0 and 1 (p. 46)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com