Electronic Components Datasheet Search
  English  ▼

X  

MP01864 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP01864
Description  SAW Filter 869MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01864 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP01864 Datasheet HTML 1Page - Golledge Electronics Ltd MP01864 Datasheet HTML 2Page - Golledge Electronics Ltd MP01864 Datasheet HTML 3Page - Golledge Electronics Ltd MP01864 Datasheet HTML 4Page - Golledge Electronics Ltd MP01864 Datasheet HTML 5Page - Golledge Electronics Ltd MP01864 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 869MHz
Model: TA0977A
Part No: MP01864
Rev No: 2
TA0977A v2
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 5V
3. Operating Temperature: -30°C to +65°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Centre frequency Fc
MHz
-
869
-
Insertion Loss 868 ~ 870MHz IL
dB
-
2.7
3.5
Amplitude ripple 868 ~ 870MHz
dB
-
0.2
1.5
Attenuation: (Reference level from 0dB)
DC ~ 828MHz
828 ~ 849MHz
881 ~ 890MHz
890 ~ 925MHz
925 ~ 1200MHz
1200 ~ 1740MHz
dB
dB
dB
dB
dB
dB
45
30
10
22
40
36
51
40
18
38
49
49
-
-
-
-
-
-
Source impedance ZS
-
50
-
Load impedance ZL
-
50
-
Note: No matching network required for operation at 50
C. MEASUREMENT CIRCUIT:
50Ω
50Ω
SAW Filter
B
E
A , C, D , F


Similar Part No. - MP01864

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01860 GOLLEDGE-MP01860 Datasheet
230Kb / 6P
SAW Filter: 260.0MHz
More results

Similar Description - MP01864

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0296A TAI-SAW-TA0296A Datasheet
627Kb / 6P
SAW Filter 869MHz SMD 3.0횞3.0 mm
TA1404A TAI-SAW-TA1404A Datasheet
329Kb / 7P
SAW Filter 869MHz
logo
Abracon Corporation
AFS869.0W01-TS4 ABRACON-AFS869.0W01-TS4 Datasheet
2Mb / 3P
869MHz SMD SAW FILTER
08.13.09
logo
TAI-SAW TECHNOLOGY CO.,...
TA1729A TAI-SAW-TA1729A Datasheet
409Kb / 7P
SAW Filter 869MHz
TA1946A TAI-SAW-TA1946A Datasheet
673Kb / 7P
SAW Filter 869MHz
logo
Golledge Electronics Lt...
MA05505 GOLLEDGE-MA05505 Datasheet
135Kb / 5P
SAW Filter 869MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA2021A TAI-SAW-TA2021A Datasheet
442Kb / 6P
SAW Filter 869MHz
TA2087A TAI-SAW-TA2087A Datasheet
668Kb / 6P
SAW Filter 869MHz
TA2093A TAI-SAW-TA2093A Datasheet
756Kb / 7P
SAW Filter 869MHz
logo
Radiometrix Ltd
FPX3 RADIOMETRIX-FPX3_16 Datasheet
355Kb / 7P
400mW Multichannel 869MHz band transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com