Electronic Components Datasheet Search
  English  ▼

X  

MP02018 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02018
Description  250MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02018 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02018 Datasheet HTML 1Page - Golledge Electronics Ltd MP02018 Datasheet HTML 2Page - Golledge Electronics Ltd MP02018 Datasheet HTML 3Page - Golledge Electronics Ltd MP02018 Datasheet HTML 4Page - Golledge Electronics Ltd MP02018 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset,TA19 9DQ, UK
250MHz SAW Filter
Model: TA0998A
Part No: MP02018
REV NO.: 1
TA0998A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC voltage: 5 V
3. Operating Temperature: : -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
250
-
Insertion loss (249.9 ~ 250.9MHz)
IL
dB
-
2.05
3.8
Amplitude ripple (249.9 ~ 250.9MHz)
dB
-
0.13
1.8
Attenuation (Reference level from 0 dB)
Fc-100 ~ Fc-40
MHz
dB
45
66
-
Fc-40 ~ Fc-400
MHz
dB
43
58
-
Fc-400 ~ Fc-450
MHz
dB
40
63
-
Source impedance
Zs
Ω
-
50
-
Load impedance
ZL
Ω
-
50
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
2
6
1,3,4,5,7,8


Similar Part No. - MP02018

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02013 GOLLEDGE-MP02013 Datasheet
163Kb / 7P
SAW Filter 1420.0MHz
MP02017 GOLLEDGE-MP02017 Datasheet
74Kb / 6P
SAW Filter 300MHz
logo
Multicomp Pro
MP0201N360J500CT MULTICOMP-MP0201N360J500CT Datasheet
790Kb / 29P
General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
05/01/23 V1.0
More results

Similar Description - MP02018

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033 Datasheet
235Kb / 9P
250MHz Video Buffer
September 1998
logo
Zarlink Semiconductor I...
SP8647 ZARLINK-SP8647 Datasheet
271Kb / 7P
250MHz 10/11
logo
SIPAT Co,Ltd
SP25001 SIPAT-SP25001 Datasheet
160Kb / 4P
250MHz Low-loss SAW Filter 45MHz Bandwidth
LBT25003 SIPAT-LBT25003 Datasheet
149Kb / 3P
250MHz SAW Filter 8MHz Bandwidth
LBT25004 SIPAT-LBT25004 Datasheet
201Kb / 3P
250MHz SAW Filter 3MHz Bandwidth
LBT25003 SIPAT-LBT25003 Datasheet
149Kb / 3P
250MHz SAW Filter 8MHz Bandwidth
LBT25004 SIPAT-LBT25004 Datasheet
201Kb / 3P
250MHz SAW Filter 3MHz Bandwidth
SP25001 SIPAT-SP25001 Datasheet
166Kb / 4P
250MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
250MHz Video Buffer
logo
TAI-SAW TECHNOLOGY CO.,...
TC0605A TAI-SAW-TC0605A Datasheet
153Kb / 7P
SAW Resonator 250MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com