Electronic Components Datasheet Search
  English  ▼

X  

MP02185 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02185
Description  SAW Filter 500MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02185 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02185 Datasheet HTML 1Page - Golledge Electronics Ltd MP02185 Datasheet HTML 2Page - Golledge Electronics Ltd MP02185 Datasheet HTML 3Page - Golledge Electronics Ltd MP02185 Datasheet HTML 4Page - Golledge Electronics Ltd MP02185 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 500MHz
Model: TA0979A
Part No: MP02185
REV NO.: 1
TA0979A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 5 dBm
2. DC voltage: 5 V
3. Operating Temperature: -20
°C to +70°C
4. Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
500
-
Insertion Loss
497 ~ 503 MHz
IL
dB
-
2.7
4.7
Amplitude ripple 497 ~ 503 MHz
dB
-
0.4
2.0
Attenuation:(Reference level from 0 dB)
412 ~ 434 MHz
434 ~ 465 MHz
553 ~ 567 MHz
567 ~ 588 MHz
dB
dB
dB
dB
39
33
33
40
50
43
50
55
-
-
-
-
C. MEASUREMENT CIRCUIT:


Similar Part No. - MP02185

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MP0218-2 FAIRVIEW-MP0218-2 Datasheet
126Kb / 1P
B (24.00) FAIRVIEW MICROWAVE INC. SMA POWER DIVIDER 2-WAY 2-18 GHZ .95"
REV B
MP0218-4 FAIRVIEW-MP0218-4 Datasheet
492Kb / 3P
4 Way Power Divider SMA Connectors From 2 GHz to 18 GHz Rated at 30 Watts
REV 2.1
More results

Similar Description - MP02185

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP50001 SIPAT-SP50001 Datasheet
155Kb / 4P
500MHz Low-loss SAW Filter 45MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0506A TAI-SAW-TA0506A Datasheet
368Kb / 5P
SAW Filter 500MHz SMD 3.0횞3.0mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA08239 GOLLEDGE-MA08239 Datasheet
268Kb / 4P
500MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TC0643A TAI-SAW-TC0643A Datasheet
350Kb / 6P
SAW Resonator 500MHz (SMD 3.0횞3.0mm)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com