Electronic Components Datasheet Search
  English  ▼

X  

MP02195 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02195
Description  SAW Filter 1489MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02195 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02195 Datasheet HTML 1Page - Golledge Electronics Ltd MP02195 Datasheet HTML 2Page - Golledge Electronics Ltd MP02195 Datasheet HTML 3Page - Golledge Electronics Ltd MP02195 Datasheet HTML 4Page - Golledge Electronics Ltd MP02195 Datasheet HTML 5Page - Golledge Electronics Ltd MP02195 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1489MHz
Model: TA1047A
Part No: MP02195
REV NO.: 1
TA1047A v1
1
A. MAXIMUM RATING:
1. Input Power Level: +10 dBm
2. DC Voltage : 3V
3. Operating Temperature: 0°C to +50°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency
Fc
MHz
-
1489
-
-
Insertion Loss (1486.5~1491.5 MHz) IL
dB
-
2.75
4
-
Insertion Loss at Center Frequency ILc
dB
-
2.7
3.4
-
Amplitude Ripple (1486.5~1491.5 MHz)
dB
-
0.1
1
-
Bandwidth @ -1 dB
MHz
5
39
-
-
VSWR (1486.5~1491.5 MHz)
-
1.5
2
-
Attenuation (Reference level from 0 dB)
DC ~ 100
MHz
dB
60
80
-
-
100 ~ 1395
MHz
dB
40
46
-
-
1395 ~ 1401
MHz
dB
30
46
-
-
1577 ~ 1583
MHz
dB
30
49
-
-
2884 ~ 3072
MHz
dB
40
42
-
-
4373 ~ 4561
MHz
dB
6
14
-
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F


Similar Part No. - MP02195

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02196 GOLLEDGE-MP02196 Datasheet
163Kb / 5P
SAW Filter 1440.0MHz
More results

Similar Description - MP02195

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com