Electronic Components Datasheet Search
  English  ▼

X  

MP02682 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02682
Description  SAW Filter 340MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02682 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02682 Datasheet HTML 1Page - Golledge Electronics Ltd MP02682 Datasheet HTML 2Page - Golledge Electronics Ltd MP02682 Datasheet HTML 3Page - Golledge Electronics Ltd MP02682 Datasheet HTML 4Page - Golledge Electronics Ltd MP02682 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 340MHz
Model: TA1002A
Part No: MP02682
REV. NO.: 1
TA1002A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC voltage: 3 V
3. Operating Temperature: -10
°C to +65°C
4. Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
340
-
Insertion Loss
337~343MHz
IL
dB
-
1.7
3.5
Ripple
337~343MHz
MHz
-
0.3
1.5
Return Loss
337~343MHz
dB
-
-14
-9
Absolute Attenuation:(Reference level from
0dB)
300 to 320
MHz
320 to 331
MHz
350 to 370
MHz
370 to 400
MHz
dB
dB
dB
dB
40
6
6
40
48
11
12
51
-
-
-
-
Temperature coefficient of frequency
ppm/k
-
-37
-
Source impedance
Zs
Ω
-
50
-
Load impedance
ZL
Ω
-
50
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
2
6
1,3,4,5,7,8


Similar Part No. - MP02682

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02683 GOLLEDGE-MP02683 Datasheet
128Kb / 6P
SAW Filter 740MHz
MP02684 GOLLEDGE-MP02684 Datasheet
122Kb / 5P
SAW Filter 716MHz
More results

Similar Description - MP02682

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN34001 SIPAT-LBN34001 Datasheet
189Kb / 3P
340MHz SAW Filter 8MHz Bandwidth
logo
STMicroelectronics
TSH344 STMICROELECTRONICS-TSH344_07 Datasheet
298Kb / 17P
340MHz single-supply triple video buffer
14-Mar-2007
logo
SIPAT Co,Ltd
LBN34001_0807 SIPAT-LBN34001_0807 Datasheet
198Kb / 3P
340MHz SAW Filter 8MHz Bandwidth
LBN34002 SIPAT-LBN34002 Datasheet
196Kb / 3P
340MHz SAW Filter 22MHz Bandwidth
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT34003 SIPAT-LBT34003 Datasheet
160Kb / 3P
340MHz SAW Filter 8MHz Bandwidth
LBN34001 SIPAT-LBN34001 Datasheet
198Kb / 3P
340MHz SAW Filter 8MHz Bandwidth
LBN34002 SIPAT-LBN34002 Datasheet
196Kb / 3P
340MHz SAW Filter 22MHz Bandwidth
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT34003 SIPAT-LBT34003 Datasheet
160Kb / 3P
340MHz SAW Filter 8MHz Bandwidth
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com