Electronic Components Datasheet Search
  English  ▼

X  

MP02892 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02892
Description  SAW Filter 1090MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02892 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02892 Datasheet HTML 1Page - Golledge Electronics Ltd MP02892 Datasheet HTML 2Page - Golledge Electronics Ltd MP02892 Datasheet HTML 3Page - Golledge Electronics Ltd MP02892 Datasheet HTML 4Page - Golledge Electronics Ltd MP02892 Datasheet HTML 5Page - Golledge Electronics Ltd MP02892 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1090MHz
Model: TA0970A
Part No: MP02892
Rev No: 4
TA0970A v4
1

HP Network analyzer

SAW Filter
B
E
A,C,D,F
A. MAXIMUM RATING:
1. Input Power Level: 20dBm
2. DC voltage: 0V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -55°C to +95°C
B. ELECTRICAL CHARACTERISTICS
:
Characteristics (at 25°C)
Min.
Typ.
Max.
Center frequency Fc (MHz)
-
1090
-
Insertion loss within 1075 ~ 1105MHz IL (dB)
-
2.3
3.0
Amplitude ripple (p-p) within 1085 ~ 1095MHz (dB)
-
0.25
0.5
Attenuation (Reference level from 0dB)
DC ~ 970MHz (dB)
25.0
30
-
1150 ~ 1300MHz (dB)
25.0
33.5
-
VSWR within 1075 ~ 1105MHz
-
1.8
2.1
Source impedance ZS ()
-
50
-
Load impedance ZL ()
-
50
-
Temperature Coefficient of Frequency ppm/°C
-
-36
-
Note: No matching network required for operation at 50Ω
C. MEASUREMENT CIRCUIT:


Similar Part No. - MP02892

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02893 GOLLEDGE-MP02893 Datasheet
113Kb / 6P
SAW Filter 1687.5MHz
MP02897 GOLLEDGE-MP02897 Datasheet
78Kb / 7P
SAW Filter 400MHz
More results

Similar Description - MP02892

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0232A TAI-SAW-TA0232A Datasheet
295Kb / 6P
SAW Filter 1090MHz SMD 3.8횞3.8 mm
TA0691A TAI-SAW-TA0691A Datasheet
319Kb / 6P
SAW Filter 1090MHz SMD 3.8횞3.8 mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1992A TAI-SAW-TA1992A Datasheet
292Kb / 7P
SAW Filter 1090MHz
logo
Golledge Electronics Lt...
MA04282 GOLLEDGE-MA04282 Datasheet
258Kb / 6P
1090MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com