Electronic Components Datasheet Search
  English  ▼

X  

2SB968 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SB968
Description  For Low-Frequency Output Amplification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB968 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SB968 Datasheet HTML 1Page - Panasonic Semiconductor 2SB968 Datasheet HTML 2Page - Panasonic Semiconductor 2SB968 Datasheet HTML 3Page - Panasonic Semiconductor 2SB968 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power Transistors
1
Publication date: February 2003
SJD00035AED
2SB0968 (2SB968)
Silicon PNP epitaxial planar type
For low-frequency output amplification
Complementary to 2SD1295
■ Features
• Possible to solder radiation fin directly to printed circuit board
• High collector-emitter voltage (Base open) V
CEO
• Large collector power dissipation P
C
■ Absolute Maximum Ratings T
a
= 25°C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
−50
V
Collector-emitter voltage (Base open)
VCEO
−40
V
Emitter-base voltage (Collector open)
VEBO
−5V
Collector current
IC
−1.5
A
Peak collector current
ICP
−3A
Collector power dissipation (TC = 25°C)
PC
10
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = −1 mA, IE = 0
−50
V
Collector-emitter voltage (Base open)
VCEO
IC
= −2 mA, I
B
= 0
−40
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = −20 V, IE = 0
−1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = −10 V, IB = 0
−100
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB
= −5 V, I
C
= 0
−10
µA
Forward current transfer ratio
hFE1 *
VCE = −5 V, IC = −1 A
80
220
hFE2
VCE = −5 V, IC = −1 mA
10
Collector-emitter saturation voltage
VCE(sat)
IC
= −1.5 A, I
B
= − 0.15 A
−1V
Base-emitter saturation voltage
VBE(sat)
IC = −2 A, IB = − 0.2 A
−1.5
V
Transition frequency
fT
VCE = −5 V, IC = − 0.5 A, f = 200 MHz
150
MHz
Collector output capacitance
Cob
VCB
= −20 V, I
E
= 0, f = 1 MHz
45
pF
(Common base, input open circuited)
■ Electrical Characteristics T
a
= 25°C ± 3°C
6.5±0.1
2.3±0.1
(5.3)
(4.35)
(3.0)
0.75±0.1
2.3±0.1
4.6±0.1
1
123
3
2
0.5±0.1
1.0±0.1
0.1±0.05
0.5±0.1
5.3±0.1
4.35±0.1
Unit: mm
1: Base
2: Collector
3: Emitter
EIAJ: SC-63
U-G1 Package
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification
Rank
Q
R
hFE1
80 to 160
120 to 220
Note) Self-supported type package is also prepared.
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - 2SB968

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB968 PANASONIC-2SB968 Datasheet
53Kb / 3P
Silicon PNP epitaxial planar type(For low-frequency output amplification)
logo
Guangdong Kexin Industr...
2SB968 KEXIN-2SB968 Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB968-P KEXIN-2SB968-P Datasheet
1Mb / 3P
PNP Transistors
2SB968-Q KEXIN-2SB968-Q Datasheet
1Mb / 3P
PNP Transistors
2SB968-R KEXIN-2SB968-R Datasheet
1Mb / 3P
PNP Transistors
More results

Similar Description - 2SB968

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB0779 PANASONIC-2SB0779 Datasheet
68Kb / 3P
For low-frequency output amplification
2SB0819 PANASONIC-2SB0819 Datasheet
81Kb / 4P
For Low-Frequency Output Amplification
2SB0976 PANASONIC-2SB0976 Datasheet
68Kb / 3P
For Low-Frequency Output Amplification
2SB1593 PANASONIC-2SB1593 Datasheet
66Kb / 3P
For Low-Frequency Output Amplification
2SD0592A PANASONIC-2SD0592A Datasheet
78Kb / 4P
For Low-Frequency Output Amplification
2SD0946 PANASONIC-2SD0946 Datasheet
68Kb / 3P
For Low-Frequency Amplification
2SK0198 PANASONIC-2SK0198 Datasheet
49Kb / 3P
For Low-Frequency Amplification
2SK0663 PANASONIC-2SK0663 Datasheet
73Kb / 3P
For Low-Frequency Amplification
logo
Unisonic Technologies
2SB766A UTC-2SB766A Datasheet
117Kb / 3P
LOW FREQUENCY OUTPUT AMPLIFICATION
2SB766A UTC-2SB766A_12 Datasheet
157Kb / 3P
LOW FREQUENCY OUTPUT AMPLIFICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com