Electronic Components Datasheet Search
  English  ▼

X  

QG302YAM Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # QG302YAM
Description  3.0Amp Surface Mount Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

QG302YAM Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  QG302YAM Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH QG302YAM Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
QG301YAM~QG307YAM
Voltage 50 ~ 1000 V
3.0Amp Surface Mount Silicon Rectifiers
25-Jul -2017 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low profile package
Ideal for automated placement
Glass passivated chip junction
High forward surge capability
Meets MSL level 1, per J-STD-020,
LF maximum peak of 260°C
MECHANICAL DATA
Case : SMAM
Polarity : Cathode line denotes the cathode end
Terminals: Tin plated leads, solderable per J-STD-002
and JESD22-B102
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (T
A=25°C Unless otherwise specified)
Part Number
Parameter
Symbol
QG301
YAM
QG302
YAM
QG303
YAM
QG304
YAM
QG305
YAM
QG306
YAM
QG307
YAM
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Average Rectified Output Current @60Hz
sine wave, resistance load, TL (Fig.1)
IO
3
A
Surge(non-repetitive) Forward Current
@60Hz half-sine wave,1 cycle, TA=25°C
IFSM
90
A
Maximum Instantaneous Forward Voltage
IFM=3A
VF
1.1
V
TA=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA=125°C
IRRM
100
µA
Typical Thermal Resistance
RθJL
20
°C/W
Operating & Storage Temperature
TJ,TSTG
-55~ 150
°C
Package
MPQ
Leader Size
SMAM
3K
7 inch
SMAM
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.20
3.70
D
1 TYP.
B
2.40
2.80
E
1.30
1.60
C
4.40
4.90
F
0.90
1.25


Similar Part No. - QG302YAM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG302AM SECOS-QG302AM Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 3.0Amp Surface Mount Silicon Rectifiers
QG302B SECOS-QG302B Datasheet
145Kb / 2P
VOLTAGE 50V ~ 1000V 3.0Amp Surface Mount Silicon Rectifiers
QG302B-C SECOS-QG302B-C Datasheet
167Kb / 2P
Surface Mount Silicon General Purpose Rectifiers
QG302C SECOS-QG302C Datasheet
137Kb / 2P
VOLTAGE 50V ~ 1000V 3.0AMP Surface Mount Silicon Rectifiers
More results

Similar Description - QG302YAM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SK34AL ETC2-SK34AL Datasheet
331Kb / 2P
3.0AMP Surface Mount Schottky Barrier Rectifiers
SK32L ETC2-SK32L Datasheet
240Kb / 3P
3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
QG301B SECOS-QG301B Datasheet
145Kb / 2P
VOLTAGE 50V ~ 1000V 3.0Amp Surface Mount Silicon Rectifiers
QG301C SECOS-QG301C Datasheet
137Kb / 2P
VOLTAGE 50V ~ 1000V 3.0AMP Surface Mount Silicon Rectifiers
SK32L SECOS-SK32L Datasheet
482Kb / 3P
3.0AMP Surface Mount Schottky Barrier Rectifiers
SK34BL SECOS-SK34BL Datasheet
750Kb / 2P
3.0AMP Surface Mount Schottky Barrier Rectifiers
QG301B SECOS-QG301B_15 Datasheet
146Kb / 2P
3.0Amp Surface Mount Silicon Rectifiers
SK34BL SECOS-SK34BL_15 Datasheet
750Kb / 2P
3.0AMP Surface Mount Schottky Barrier Rectifiers
SMF301C SECOS-SMF301C_15 Datasheet
190Kb / 2P
3.0AMP Surface Mount Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
ER3A DYELEC-ER3A Datasheet
1Mb / 2P
3.0AMP SURFACE MOUNT SUPERFAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com