Electronic Components Datasheet Search
  English  ▼

X  

RL251G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # RL251G
Description  2.5Amp General Purpose Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

RL251G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  RL251G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH RL251G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RL251G~RL257G
Voltage 50V~1000V
2.5Amp General Purpose Rectifier
Elektronische Bauelemente
04-Jun-2018 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
1
1
1
Cathode
2
2
2
2
Anode
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Efficiency
High Current Capability
High Reliability
High Surge Current Capability
Low Power Loss
Glass Passivated Chip Junction
Solder Dip, Per JESD 22-B106
MECHANICAL DATA
Molding Compound Meets UL 94 V-0 Flammability Rating
Terminals: Tin Plated Leads, Solderable Per J-STD-002
and JESD22-B102
Polarity: Color Band Denotes Cathode End
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Part Number
Unit
RL
251G
RL
252G
RL
253G
RL
254G
RL
255G
RL
256G
RL
257G
Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Average Forward Current
@60Hz Sine Wave, Resistance Load,
TL=80°C
IF(AV)
2.5
A
Surge(Non-Repetitive)Forward Current
@60Hz Half-Sine Wave,1 Cycle,
TA=25°C
IFSM
120
A
Maximum Instantaneous Forward
Voltage Drop Per Diode @IFM=2.5A
VFM
1.1
V
Maximum DC Reverse
Current @Rated DC
Blocking Voltage Per Diode
TA=25°C
IRRM
2.5
µA
TA=125°C
50
Typical Junction Capacitance
1
CJ
35
pF
Typical Thermal Resistance from
Junction-Ambient
RθJA
45
°C/W
Typical Thermal Resistance from
Junction-Lead
RθJL
28
°C/W
Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Note:
1.
Measured at 1MHz and applied reverse voltage of 4V D.C.
REF.
Millimeter
Min.
Max.
A
25.4 (TYP)
B
5.80
7.62
C
2.60
3.60
D
-
0.90
Part Number
Type
RL251G~RL257G
Lead (Pb)-free
RL251G-C~RL257G-C
Lead (Pb)-free and Halogen-free
A
C
B
A
D
DO-15


Similar Part No. - RL251G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
DAESAN ELECTRONIC CORP.
RL251G DAESAN-RL251G Datasheet
315Kb / 2P
CURRENT 2.5Amperes VOLTAGE 50 to 1000 Volts
logo
Rugao Dachang Electroni...
RL251G DACHANG-RL251G Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.5 A
logo
Leshan Radio Company
RL251G LRC-RL251G Datasheet
176Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
logo
Rugao Dachang Electroni...
RL251G DACHANG-RL251G Datasheet
118Kb / 2P
General Purpose Plastic Rectifier
More results

Similar Description - RL251G

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
RL251 CHENYI-RL251 Datasheet
48Kb / 3P
2.5Amp silicon rectifier 50to1000 volts
RL251GP CHENYI-RL251GP Datasheet
70Kb / 2P
2.5Amp glass passivated rectifier 50-1000 volts
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
General Purpose Rectifier
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
1A1G YANGJIE-1A1G Datasheet
206Kb / 4P
General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
General Purpose Rectifier
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
General Purpose Rectifier
logo
First Silicon Co., Ltd
6A05 FS-6A05 Datasheet
120Kb / 2P
General Purpose Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com