Electronic Components Datasheet Search
  English  ▼

X  

SM140V-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM140V-C
Description  Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM140V-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM140V-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM140V-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM140V-C
1A, 40V
Schottky Barrier Rectifiers
Elektronische Bauelemente
08-Oct-2018 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
MARKING
SL
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-323L
3K
7 inch
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25°C, unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Repetitive Peak Reverse Voltage
VRM
40
V
Average Rectified Output Current
IO
1
A
Peak Forward Surge Current @t=8.3ms Single Half Sine-Wave
IFSM
9
A
Repetitive Peak Forward Current
IFRM
1.5
A
Power Dissipation
PD
250
mW
Junction and Storage Temperature Range
TJ, TSTG
-55~125
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C, unless otherwise noted)
Part Number
Type
SM140V-C
Lead (Pb)-free and Halogen-free
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
VBR
40
-
-
V
IF=1mA
Reverse Leakage Current
IR
-
-
1
mA
VR=40V
Forward Voltage
VF
-
-
0.6
V
IF=1A
Diode Capacitance
Cd
-
30
-
pF
VR=4V, f=1MHz
SOD-323L
E
F
B
C
D
A
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.30
2.70
D
1.60
2.10
B
1.05
1.45
E
0.25
0.40
C
0.60
1.00
F
0.05
0.25


Similar Part No. - SM140V-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM140V SECOS-SM140V Datasheet
48Kb / 2P
1 A, 40 V Schottky Barrier Rectifiers
More results

Similar Description - SM140V-C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com