Electronic Components Datasheet Search
  English  ▼

X  

9155-200 Datasheet(PDF) 4 Page - AVX Corporation

Part # 9155-200
Description  Reduced Battery 2.5mm Pitch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9155-200 Datasheet(HTML) 4 Page - AVX Corporation

  9155-200 Datasheet HTML 1Page - AVX Corporation 9155-200 Datasheet HTML 2Page - AVX Corporation 9155-200 Datasheet HTML 3Page - AVX Corporation 9155-200 Datasheet HTML 4Page - AVX Corporation 9155-200 Datasheet HTML 5Page - AVX Corporation 9155-200 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
CONNECT
INTER
Reduced Battery 2.5mm Pitch
9155-200
4 WAY REDUCED SIZE BATTERY CONNECTOR
NOTES:
1. FOR FULL PRODUCT SPECIFICATION REFER TO ELCO SPECIFICATION 201-01-093.
2. FOR MATING PAD DETAILS REFER TO PAGE 6.
3. GENERAL TOLERANCE ±0.20.
4. INSULATOR MATERIAL: 30% GLASS FILLED NYLON 46, UL94 HB, COLOR BLACK.
5. CONTACT MATERIAL: BERYLLIUM COPPER.
6. CONTACT PLATING: SELECTIVE GOLD OVER NICKEL. PURE TIN ON TAILS.
RECOMMENDED PCB LAYOUT
PACKING DETAILS
REEL QTY
2000
LEADER
500MM
TRAILER
500MM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com