Electronic Components Datasheet Search
  English  ▼

X  

CSD04060E Datasheet(PDF) 3 Page - Cree, Inc

Part # CSD04060E
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CSD04060E Datasheet(HTML) 3 Page - Cree, Inc

  CSD04060E Datasheet HTML 1Page - Cree, Inc CSD04060E Datasheet HTML 2Page - Cree, Inc CSD04060E Datasheet HTML 3Page - Cree, Inc CSD04060E Datasheet HTML 4Page - Cree, Inc CSD04060E Datasheet HTML 5Page - Cree, Inc CSD04060E Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
CSD04060 Rev. Q
Current Derating
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
40.0
42.5
45.0
47.5
50.0
25
50
75
100
125
150
175
200
Case Temperature
DC 70% Duty 50% Duty 30% Duty 10% Duty
Figure3.CurrentDerating
Figure5.TransientThermalImpedance
Figure4.Capacitancevs.ReverseVoltage
Typical Performance
T
C Case Temperature (°C)
*Frequency>1KHz
25
5075100125150175200
50
45
40
35
30
25
20
15
10
5
0
10%Duty*
30%Duty*
50%Duty*
70%Duty*
DC
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Time (s)
V
R Reverse Voltage (V)
160
140
120
100
80
60
40
20
0
1
10
100
1000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com